Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9140 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części IRF9140
Szczegółowy opis  -19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF9140 Arkusz danych(HTML) 4 Page - Intersil Corporation

  IRF9140 Datasheet HTML 1Page - Intersil Corporation IRF9140 Datasheet HTML 2Page - Intersil Corporation IRF9140 Datasheet HTML 3Page - Intersil Corporation IRF9140 Datasheet HTML 4Page - Intersil Corporation IRF9140 Datasheet HTML 5Page - Intersil Corporation IRF9140 Datasheet HTML 6Page - Intersil Corporation IRF9140 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-17
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
102
10
110
102
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
10
µs
100
µs
1ms
DC
10ms
100ms
OPERATION IN THIS
REGION IS LIMITED
BY rDS(ON)
RJC = 1
oC/W
SINGLE PULSE
TC = 25
oC
TJ = MAX RATED
VDS, DRAIN TO SOURCE VOLTAGE (V)
-10
-20
-30
-40
0
-50
-100
-80
-60
0
-40
80
µs PULSE TEST
-20
VGS = -16V
VGS = -14V
VGS = -5V
VGS = -7V
VGS = -4V
VGS = -6V
VGS = -8V
VGS = -9V
VGS = -10V
VGS = -12V
VDS, DRAIN TO SOURCE VOLTAGE (V)
-2
-4
-6
-8
0
-10
-50
-40
-30
0
-20
80
µs PULSE TEST
-10
VGS = -16V
VGS = -5V
VGS = -7V
VGS = -14V
VGS = -12V
VGS = -9V
VGS = -8V
VGS = -6V
VGS = -4V
VGS = -10V
VGS, GATE TO SOURCE VOLTAGE (V)
-10
-1.0
-0.1
0
-2-4-6-8
-10
-2
-2
-2
-5
-5
-5
-102
-12
-14
80
µs PULSE TEST
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
-80
ID, DRAIN CURRENT (A)
-20
-40
-60
0
-100
0.26
0.22
0.18
0
0.14
VGS = -20V
0.10
VGS = -10V
80
µs PULSE TEST
2.5
1.5
0.5
80
-60
TJ, JUNCTION TEMPERATURE (
oC)
2.0
1.0
0
0
60
120
160
-20
-40
20
40
100
140
ID = -10A
VGS = -10V
IRF9140


Podobny numer części - IRF9140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
IRF9140 SAMSUNG-IRF9140 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF9140 SEME-LAB-IRF9140 Datasheet
22Kb / 2P
   P-CHANNEL POWER MOSFET
logo
International Rectifier
IRF9140 IRF-IRF9140 Datasheet
148Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.2ohm, Id=-18A)
IRF9140 IRF-IRF9140 Datasheet
152Kb / 7P
   Simple Drive Requirements
logo
Inchange Semiconductor ...
IRF9140 ISC-IRF9140 Datasheet
290Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - IRF9140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
IRFP9140 INTERSIL-IRFP9140 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
logo
Unisonic Technologies
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
   100V, 19A P-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
   19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
   6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
   -12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
   0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
   1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
   3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com