Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM8845 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADM8845
Szczegółowy opis  Charge Pump Driver for LCD White LED Backlights
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM8845 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADM8845_15 Datasheet HTML 7Page - Analog Devices ADM8845_15 Datasheet HTML 8Page - Analog Devices ADM8845_15 Datasheet HTML 9Page - Analog Devices ADM8845_15 Datasheet HTML 10Page - Analog Devices ADM8845_15 Datasheet HTML 11Page - Analog Devices ADM8845_15 Datasheet HTML 12Page - Analog Devices ADM8845_15 Datasheet HTML 13Page - Analog Devices ADM8845_15 Datasheet HTML 14Page - Analog Devices ADM8845_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADM8845
Rev. C | Page 11 of 20
OUTPUT CURRENT CAPABILITY
The ADM8845 can drive up to 30 mA of current to each of the
six LEDs given an input voltage of 2.6 V to 5.5 V. The LED
currents have a maximum current matching of 1% between any
two LED currents. An external resistor, RSET, sets the output
current, approximated by the following equation:
RSET = 120 × (1.18 V/ILED)
To regulate the LED currents properly, sufficient headroom
voltage (compliance) must be present. The compliance refers to
the minimum amount of voltage that must be present across the
internal current sinks to ensure that the desired current and
matching performance can be realized. To ensure that the
desired current is obtained, use the following equation to find
the minimum input voltage required:
VOUT − VF ≥ Compliance
where VF is the LED forward voltage. For 20 mA/LED, the
compliance is 0.20 V typ and 0.30 V max (see Table 5).
Table 5. ILED, RSET, and Compliance Table
I
LED
R
SET
Typ Compliance
15 mA
9.44 k
0.17 V
20 mA
7.08 k
0.20 V
30 mA
4.72 k
0.34 V
When the ADM8845 charge pump is loaded with 180 mA (six
LEDs at 30 mA/LED), the ambient operating temperature is
reduced (see Figure 21).
AUTOMATIC GAIN CONTROL
The automatic gain control block controls the operation of the
charge pump by selecting the appropriate gain for the charge
pump. This maintains sufficient drive for the LED anodes at
the highest power efficiency over a 2.6 V to 5.5 V input supply
range. The charge pump switching thresholds are described in
Table 6.
Table 6. Charge Pump Switching Thresholds
Gain
Threshold
1.5× to 2×
3.33 V
2× to 1.5×
3.36 V
1× to 1.5×
4.77 V
1.5× to 1×
4.81 V
CURRENT MATCHING
The 1% maximum current matching performance is defined by
the following equations:
IAVG = (IMAX + IMIN)/2
Max Matching Error = [(IMAX − IAVG)/IAVG] × 100
or
Min Matching Error = [(IMIN − IAVG)/IAVG] × 100
where IMAX is the largest ILED current, and IMIN is the smallest ILED
current.
BRIGHTNESS CONTROL WITH A DIGITAL PWM
SIGNAL
PWM brightness control provides the widest brightness control
method by pulsing the white LEDs on and off using the digital
input control pins, CTRL1 and/or CTRL2. PWM brightness
control also removes any chromaticity shifts associated with
changing the white LED current, because the LEDs operate
either at zero current or full current (set by RSET).
The digital PWM signal applied with a frequency of 100 Hz to
200 kHz turns the current control sinks on and off using CTRL1
and/or CTRL2. The average current through the LEDs changes
with the PWM signal duty cycle. If the PWM frequency is much
less than 100 Hz, flicker could be seen in the LEDs. For the
ADM8845, zero duty cycle turns off the LEDs, and a 50% duty
cycle results in an average LED current ILED being half the pro-
grammed LED current. For example, if RSET is set to program
20 mA/LED, a 50% duty cycle results in an average ILED of
10 mA/LED, ILED being half the programmed LED current.
FB1
FB2
FB3
FB4
FB5
FB6
VOUT
C1
1
µF
CTRL1
CTRL2
C2
1
µF
RSET
ISET
C3
2.2
µF
ADM8845
PWM INPUT
OR HIGH/LOW
PWM INPUT
OR HIGH/LOW
Figure 24. Digital PWM Brightness Control Application Diagram
By applying a digital PWM signal to the digital input control
pins, CTRL1 and/or CTRL2 can adjust the brightness of the sub
and/or main displays. The six white LEDs of the ADM8845 are
organized into two groups: main display, FB1 to FB4, and sub
display, FB5 and FB6. For more information, refer to the Theory
of Operation section.


Podobny numer części - ADM8845_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8845ACP-REEL AD-ADM8845ACP-REEL Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
ADM8845ACP-REEL7 AD-ADM8845ACP-REEL7 Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
ADM8845ACPZ-REEL1 AD-ADM8845ACPZ-REEL1 Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
ADM8845ACPZ-REEL7 AD-ADM8845ACPZ-REEL7 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
ADM8845ACPZ-REEL71 AD-ADM8845ACPZ-REEL71 Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
More results

Podobny opis - ADM8845_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM8845 AD-ADM8845 Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com