Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM9690 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM9690
Szczegółowy opis  Power Supply and Watchdog Timer Monitoring Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM9690 Arkusz danych(HTML) 4 Page - Analog Devices

  ADM9690_15 Datasheet HTML 1Page - Analog Devices ADM9690_15 Datasheet HTML 2Page - Analog Devices ADM9690_15 Datasheet HTML 3Page - Analog Devices ADM9690_15 Datasheet HTML 4Page - Analog Devices ADM9690_15 Datasheet HTML 5Page - Analog Devices ADM9690_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ADM9690
–4–
REV. A
–Typical Performance Curves
CH1
1.0V
CH2
M 500ms
VCC
1.0V
CH1
380mV
RESET
Figure 1. Reset Output Voltage vs. Supply
TEMPERATURE – C
4.412
4.396
–60
120
–30
0
30
60
90
4.410
4.408
4.406
4.404
4.402
4.400
4.398
Figure 2. Reset Voltage Threshold vs. Temperature
WATCHDOG
TRANSITION
DETECTOR
VCC
VMON
OSC SEL1
OSC SEL2
RESET(2)
TIMER
RESET(1)
TIMER
4.31V
ADM9690
RESET(1)
RESET(2)
GND
WATCHDOG
TIMEBASE
WATCHDOG
INPUT (WDI)
+5V
I/O LINE
P
AUXILIARY
CIRCUITRY
RESET
RESET
Figure 5. Typical Application Circuit
VCC – Volts
100
10
2.5
5.5
3.0
3.5
4.0
4.5
5.0
WATCHDOG TIMEOUT
PERIOD
6.0
6.5
RESET2/TIMEOUT
RESET1/TIMEOUT
Figure 3. Watchdog and Reset Timeout Period vs. Supply
@ –40
°C
TEMPERATURE – C
72.0
68.8
–60
120
–30
0
30
60
90
71.6
71.2
70.8
70.4
70.0
69.6
69.2
Figure 4. Supply Current vs. Temperature


Podobny numer części - ADM9690_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM9690AR AD-ADM9690AR Datasheet
76Kb / 6P
   Power Supply and Watchdog Timer Monitoring Circuit
REV. A
More results

Podobny opis - ADM9690_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM9690 AD-ADM9690 Datasheet
76Kb / 6P
   Power Supply and Watchdog Timer Monitoring Circuit
REV. A
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com