Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9230 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części IRF9230
Szczegółowy opis  -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF9230 Arkusz danych(HTML) 3 Page - Intersil Corporation

  IRF9230 Datasheet HTML 1Page - Intersil Corporation IRF9230 Datasheet HTML 2Page - Intersil Corporation IRF9230 Datasheet HTML 3Page - Intersil Corporation IRF9230 Datasheet HTML 4Page - Intersil Corporation IRF9230 Datasheet HTML 5Page - Intersil Corporation IRF9230 Datasheet HTML 6Page - Intersil Corporation IRF9230 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6-3
Input Capacitance
CISS
VDS = -25V, VGS = 0V, f = 1MHz, (Figure 11)
-
550
-
pF
Output Capacitance
COSS
-
170
-
pF
Reverse Transfer Capacitance
CRSS
-50
-
pF
Internal Drain Inductance
LD
Measured Between the
Contact Screw on the
Flange that is Closer to
Source and Gate Pins
and the Center of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
5.0
-
nH
Internal Source Inductance
LS
Measured From the
Source Lead, 6mm
(0.25in) From the
Flange and the Source
Bonding Pad
-
12.5
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
1.67
oC/W
Thermal Resistance
Junction to Ambient
RθJA
Typical Socket Mount
-
-
60
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse
P-N Junction Diode
-
-
-6.5
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
-26
A
Source to Drain Diode Voltage
(Note 2)
VSD
TC = 25
oC, I
SD = -6.5A, VGS = 0V,
(Figure 13)
-
-
-1.5
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = -6.5A, dISD/dt = 100A/µs
-
400
-
ns
Reverse Recovery Charge
QRR
TJ = 150
oC, I
SD = -6.5A, dISD/dt = 100A/µs
-
2.6
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 17.75mH, R
G = 25Ω, peak IAS = 6.5A (Figures 15, 16).
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LS
LD
G
D
S
G
D
S
IRF9230, IRF9231, IRF9232, IRF9233


Podobny numer części - IRF9230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
IRF9230 SAMSUNG-IRF9230 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF9230 SEME-LAB-IRF9230 Datasheet
22Kb / 2P
   P-CHANNEL POWER MOSFET
logo
International Rectifier
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
logo
New Jersey Semi-Conduct...
IRF9230 NJSEMI-IRF9230 Datasheet
115Kb / 2P
   Avalanche-Energy-Rated P-Channel Power MOSFETs
More results

Podobny opis - IRF9230

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
   4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
   6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
IRF230 INTERSIL-IRF230 Datasheet
69Kb / 7P
   8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
   0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
   -0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
IRFAC40 INTERSIL-IRFAC40 Datasheet
67Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
   1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com