Zakładka z wyszukiwarką danych komponentów |
|
ADMC326 Arkusz danych(PDF) 8 Page - Analog Devices |
|
ADMC326 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 32 page ADMC326 –8– REV. C DSP CORE ARCHITECTURE OVERVIEW Figure 3 is an overall block diagram of the DSP core of the ADMC326, which is based on the fixed-point ADSP-2171. The flexible architecture and comprehensive instruction set of the ADSP-2171 allow the processor to perform multiple operations in parallel. In one processor cycle (50 ns with a 10 MHz CLKIN) the DSP core can: • Generate the next program address. • Fetch the next instruction. • Perform one or two data moves. • Update one or two data address pointers. • Perform a computational operation. This all takes place while the processor continues to: • Receive and transmit through the serial port. • Decrement the interval timer. • Generate three-phase PWM waveforms for a power inverter. • Generate two signals using the 8-bit auxiliary PWM timers. • Acquire four analog signals. • Decrement the watchdog timer. The processor contains three independent computational units: the arithmetic and logic unit (ALU), the multiplier/accumulator (MAC) and the shifter. The computational units process 16-bit data directly and have provisions to support multiprecision com- putations. The ALU performs a standard set of arithmetic and logic operations as well as providing support for division primi- tives. The MAC performs single-cycle multiply, multiply/add, and multiply/subtract operations with 40 bits of accumulation. The shifter performs logical and arithmetic shifts, normalization, denormalization and derive-exponent operations. The shifter can be used to efficiently implement numeric format control, including floating-point representations. The internal result (R) bus directly connects the computational units so that the output of any unit may be the input of any unit on the next cycle. A powerful program sequencer and two dedicated data address generators ensure efficient delivery of operands to these compu- tational units. The sequencer supports conditional jumps and subroutine calls and returns in a single cycle. With internal loop counters and loop stacks, the ADMC326 executes looped code with zero overhead; no explicit jump instructions are required to maintain the loop. Two data address generators (DAGs) provide addresses for simultaneous dual operand fetches from data memory and pro- gram memory. Each DAG maintains and updates four address pointers (I registers). Whenever the pointer is used to access data (indirect addressing), it is post-modified by the value in one of four modify (M registers). A length value may be associ- ated with each pointer (L registers) to implement automatic modulo addressing for circular buffers. The circular buffering feature is also used by the serial ports for automatic data trans- fers to and from on-chip memory. DAG1 generates only data memory address and provides an optional bit-reversal capability. DAG2 may generate either program or data memory addresses but has no bit-reversal capability. Efficient data transfer is achieved with the use of five internal buses: • Program memory address (PMA) bus. • Program memory data (PMD) bus. • Data memory address (DMA) bus. • Data memory data (DMD) bus. • Result (R) bus. Program memory can store both instructions and data, permit- ting the ADMC326 to fetch two operands in a single cycle— one from program memory and one from data memory. The ADMC326 can fetch an operand from on-chip program memory and the next instruction in the same cycle. The ADMC326 writes data from its 16-bit registers to the 24-bit program memory using the PX register to provide the lower eight bits. When it reads data (not instructions) from 24-bit pro- gram memory to a 16-bit data register, the lower eight bits are placed in the PX register. The ADMC326 can respond to a number of distinct DSP core and peripheral interrupts. The DSP interrupts comprise a serial port receive interrupt, a serial port transmit interrupt, a timer interrupt, and two software interrupts. Additionally, the motor control peripherals include two PWM interrupts and a PIO interrupt. The serial port (SPORT1) provides a complete synchronous serial interface with optional companding in hardware and a wide variety of framed and unframed data transmit and receive modes of operation. SPORT1 can generate an internal program- mable serial clock or accept an external serial clock. A programmable interval counter is also included in the DSP core and can be used to generate periodic interrupts. A 16-bit count register (TCOUNT) is decremented every n processor cycles, where n–1 is a scaling value stored in the 8-bit TSCALE register. When the value of the counter reaches zero, an interrupt is generated, and the count register is reloaded from a 16-bit period register (TPERIOD). The ADMC326 instruction set provides flexible data moves and multifunction (one or two data moves with a computation) instructions. Each instruction is executed in a single 50 ns pro- cessor cycle (for a 10 MHz CLKIN). The ADMC326 assembly language uses an algebraic syntax for ease of coding and readability. A comprehensive set of development tools supports program development. For further information on the DSP core, refer to the ADSP-2100 Family User’s Manual, Third Edition, with par- ticular reference to the ADSP-2171. Serial Port The ADMC326 incorporates a complete synchronous serial port (SPORT1) for serial communication and multiprocessor communication. The following is a brief list of capabilities of the ADMC326 SPORT1. Refer to the ADSP-2100 Family User’s Manual, Third Edition, for further details. • SPORT1 is bidirectional and has a separate, double-buffered transmit and receive section. • SPORT1 can use an external serial clock or generate its own serial clock internally. • SPORT1 has independent framing for the receive and trans- mit sections. Sections run in a frameless mode or with frame synchronization signals internally or externally generated. Frame synchronization signals are active high or inverted, with either of two pulsewidths and timings. • SPORT1 supports serial data word lengths from 3 bits to 16 bits and provides optional A-law and µ-law companding according to ITU (formerly CCITT) recommendation G.711. |
Podobny numer części - ADMC326_15 |
|
Podobny opis - ADMC326_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |