Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADMCF340 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADMCF340
Szczegółowy opis  64-Lead Flash and ROM Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Arkusz danych(HTML) 1 Page - Analog Devices

  ADMCF340_15 Datasheet HTML 1Page - Analog Devices ADMCF340_15 Datasheet HTML 2Page - Analog Devices ADMCF340_15 Datasheet HTML 3Page - Analog Devices ADMCF340_15 Datasheet HTML 4Page - Analog Devices ADMCF340_15 Datasheet HTML 5Page - Analog Devices ADMCF340_15 Datasheet HTML 6Page - Analog Devices ADMCF340_15 Datasheet HTML 7Page - Analog Devices ADMCF340_15 Datasheet HTML 8Page - Analog Devices ADMCF340_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
A
ADMC(F)340
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
DashDSP® 64-Lead Flash and ROM Memory
Mixed-Signal DSP with Enhanced Analog Front End
a
FUNCTIONAL BLOCK DIAGRAM
VREF
2.5V
MEMORY BLOCK
PROGRAM
ROM
4K
24
PROGRAM
FLASH
4K
24
PROGRAM
RAM
512
24
DATA
MEMORY
512
16
ANALOG
INPUTS
16-BIT
THREE-
PHASE
PWM
TIMER
SERIAL PORT
SPORT 0
PIO
2
16-BIT
AUX
PWM
WATCH-
DOG
TIMER
ADSP-21xx BASE
ARCHITECTURE
DATA
ADDRESS
GENERATORS
DAG 1 DAG 2
PROGRAM
SEQUENCER
ARITHMETIC UNITS
SHIFTER
MAC
ALU
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
SPORT 1
MOTOR CONTROL PERIPHERALS
ADC SUBSYSTEM
SHA
3
10
TIMERS
6
POR
ISENSE AMP
AND TRIP
2
25
7
TARGET APPLICATIONS
Refrigerator and Air Conditioner Compressors,
Washing Machines
Industrial Variable Speed Drives, HVAC
MOTOR TYPES
Permanent Magnet Synchronous Motors (PMSM),
Brushless DC Motors (BDCM), AC Induction Motors
(ACIM), Switched Reluctance Motors (SRM)
FEATURES
20 MHz Fixed-Point DSP Core
Single Cycle Instruction Execution (50 ns)
ADSP-21xx Family Code Compatibility
Independent Computational Units
ALU
Multiplier/Accumulator
Barrel Shifter
Multifunction Instructions
Single Cycle Context Switch
Powerful Program Sequencer
Zero Overhead Looping
Conditional Instruction Execution
2 Independent Data Address Generators
DashDSP is a registered trademark of Analog Devices, Inc.
Memory Configuration
512
16-Bit Data Memory RAM
512
24-Bit Program Memory RAM
4K
24-Bit Program Memory ROM
4K
24-Bit Total Program FLASH Memory
(ADMCF340 only)
3 Independent FLASH Memory Sectors
3584
24 Bit, 256
24 Bit, 256
24 Bit
Low Cost Pin Compatible ROM Option
16-Bit Watchdog Timer
Programmable 16-Bit Internal Timer with Prescaler
2 Double Buffered Serial Ports with SPI Mode
Support
Integrated Power-On Reset Function
3-Phase 16-Bit PWM Generation Unit
16-Bit Center-Based PWM Generator
Programmable PWM Pulsewidth
Edge Resolution of 50 ns
Programmable Narrow Pulse Deletion
153 Hz Minimum Switching Frequency
Double/Single Update Mode Control
Individual Enable and Disable for Each PWM
Output
High Frequency Chopping Mode for
Transformer-Coupled Gate Drives
(continued on page 8)


Podobny numer części - ADMCF340_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMCF340-EVALKIT AD-ADMCF340-EVALKIT Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
ADMCF340BST AD-ADMCF340BST Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
More results

Podobny opis - ADMCF340_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
   28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
Cypress Semiconductor
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
logo
Eon Silicon Solution In...
EN25P64 EON-EN25P64 Datasheet
540Kb / 34P
   64 Megabit Uniform Sector, Serial Flash Memory
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
Winbond
W29C512A WINBOND-W29C512A Datasheet
265Kb / 20P
   64 K x 8 CMOS FLASH MEMORY
logo
STMicroelectronics
STM32F107VCT6 STMICROELECTRONICS-STM32F107VCT6 Datasheet
1Mb / 103P
   64 to 256 Kbytes of Flash memory
M39208 STMICROELECTRONICS-M39208 Datasheet
218Kb / 30P
   Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
logo
ATMEL Corporation
AT89EB5114 ATMEL-AT89EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
AT83EB5114 ATMEL-AT83EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com