Zakładka z wyszukiwarką danych komponentów |
|
ADM6316BY50ARJZR7 Arkusz danych(PDF) 9 Page - Analog Devices |
|
ADM6316BY50ARJZR7 Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 16 page Data Sheet ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322 Rev. F | Page 9 of 16 CIRCUIT DESCRIPTION The ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ ADM6321/ADM6322 provide microprocessor supply voltage supervision by controlling the microprocessor’s reset input. Code execution errors are avoided during power-up, power-down, and brownout conditions by asserting a reset signal when the supply voltage is below a preset threshold and by allowing supply voltage stabilization with a fixed timeout reset pulse after the supply voltage rises above the threshold. In addition, problems with microprocessor code execution can be monitored and corrected with a watchdog timer (ADM6316/ADM6317/ ADM6318/ADM6320/ADM6321). If the user detects a problem with the system’s operation, a manual reset input is available (ADM6316/ADM6317/ADM6319/ADM6320/ADM6322) to reset the microprocessor, for example, by means of an external push button. RESET OUTPUT The ADM6316 features an active-low push-pull reset output, while the ADM6317/ADM6321/ADM6322 have active-high push-pull reset outputs. The ADM6318/ADM6319 feature dual active-low and active-high push-pull reset outputs. For active- low and active-high outputs, the reset signal is guaranteed to be logic low and logic high, respectively, for VCC down to 1 V. The reset output is asserted when VCC is below the reset thresh- old (VTH), when MR is driven low, or when WDI is not serviced within the watchdog timeout period (tWD). Reset remains asserted for the duration of the reset active timeout period (tRP) after VCC rises above the reset threshold, after MR transitions from low to high, or after the watchdog timer times out. Figure 17 illustrates the behavior of the reset outputs. VCC 1V VCC 0V VCC 0V VTH VTH 0V VCC RESET RESET tRD tRD 1V tRP tRP Figure 17. Reset Timing Diagram OPEN-DRAIN RESET OUTPUT The ADM6320/ADM6321/ADM6322 have an active-low, open- drain reset output. This output structure requires an external pull-up resistor to connect the reset output to a voltage rail no higher than 6 V. The resistor should comply with the micro- processor’s logic low and logic high voltage level requirements while supplying input current and leakage paths on the RESET line. A 10 kΩ resistor is adequate in most situations. MANUAL RESET INPUT The ADM6316/ADM6317/ADM6319/ADM6320/ADM6322 feature a manual reset input (MR), which when driven low, asserts the reset output. When MR transitions from low to high, reset remains asserted for the duration of the reset active timeout period before deasserting. The MR input has a 52 kΩ, internal pull-up so that the input is always high when unconnected. An external push-button switch can be connected between MR and ground so that the user can generate a reset. Debounce circuitry for this purpose is integrated on chip. Noise immunity is provided on the MR input, and fast, negative-going transients of up to 100 ns (typical) are ignored. A 0.1 μF capacitor between MR and ground provides additional noise immunity. WATCHDOG INPUT The ADM6316/ADM6317/ADM6318/ADM6320/ADM6321 feature a watchdog timer that monitors microprocessor activity. A timer circuit is cleared with every low-to-high or high-to-low logic transition on the watchdog input pin (WDI), which detects pulses as short as 50 ns. If the timer counts through the preset watchdog timeout period (tWD), reset is asserted. The micro- processor is required to toggle the WDI pin to avoid being reset. Failure of the microprocessor to toggle WDI within the timeout period, therefore, indicates a code execution error, and the reset pulse generated restarts the microprocessor in a known state. As well as logic transitions on WDI, the watchdog timer is also cleared by a reset assertion due to an undervoltage condition on VCC or due to MR being pulled low. When reset is asserted, the watchdog timer is cleared and does not begin counting again until reset deassserts. The watchdog timer can be disabled by leaving WDI floating or by three-stating the WDI driver. VCC 1V VCC 0V VCC 0V VTH 0V VCC WDI RESET tRP tRP tWD Figure 18. Watchdog Timing Diagram |
Podobny numer części - ADM6316BY50ARJZR7 |
|
Podobny opis - ADM6316BY50ARJZR7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |