Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2813 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADN2813
Szczegółowy opis  Data Recovery IC with Integrated Limiting Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Arkusz danych(HTML) 1 Page - Analog Devices

  ADN2813_15 Datasheet HTML 1Page - Analog Devices ADN2813_15 Datasheet HTML 2Page - Analog Devices ADN2813_15 Datasheet HTML 3Page - Analog Devices ADN2813_15 Datasheet HTML 4Page - Analog Devices ADN2813_15 Datasheet HTML 5Page - Analog Devices ADN2813_15 Datasheet HTML 6Page - Analog Devices ADN2813_15 Datasheet HTML 7Page - Analog Devices ADN2813_15 Datasheet HTML 8Page - Analog Devices ADN2813_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and
Data Recovery IC with Integrated Limiting Amp
Data Sheet
ADN2813
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Serial data input: 10 Mb/s to 1.25 Gb/s
Exceeds SONET requirements for jitter transfer/
generation/tolerance
Quantizer sensitivity: 3.3 mV typ
Adjustable slice level: ±95 mV
Patented clock recovery architecture
Loss-of-signal (LOS) detect range: 2.3 mV to 19 mV
Independent slice level adjust and LOS detector
No reference clock required
Loss-of-lock indicator
I2C® interface to access optional features
Single-supply operation: 3.3 V
Low power: 450 mW typ
5 mm × 5 mm 32-lead LFCSP, Pb free
APPLICATIONS
SONET OC-1/-3/-12 and all associated FEC rates
Fibre Channel, GbE, HDTVs
WDM transponders
Regenerators/repeaters
Test equipment
Broadband cross-connects and routers
GENERAL DESCRIPTION
The ADN2813 provides the receiver functions of quantization,
signal level detect, and clock and data recovery for continuous
data rates from 10 Mb/s to 1.25 Gb/s. The ADN2813 automati-
cally locks to all data rates without the need for an external
reference clock or programming. All SONET jitter requirements
are met, including jitter transfer, jitter generation, and jitter
tolerance. All specifications are quoted for −40°C to +85°C
ambient temperature, unless otherwise noted.
This device, together with a PIN diode and a TIA preamplifier,
can implement a highly integrated, low cost, low power fiber
optic receiver.
The receiver front-end, loss-of-signal (LOS) detector circuit
indicates when the input signal level has fallen below a user-
adjustable threshold. The LOS detect circuit has hysteresis to
prevent chatter at the output.
The ADN2813 is available in a compact 5 mm × 5 mm,
32-lead LFCSP.
FUNCTIONAL BLOCK DIAGRAM
2
SLICEP/N
LOL
DATAOUTP/N
LOS
THRADJ
CLKOUTP/N
ADN2813
2
VCC
VEE
CF1
CF2
PIN
NIN
VREF
QUANTIZER
VCO
PHASE
SHIFTER
PHASE
DETECT
FREQUENCY
DETECT
LOS
DETECT
DATA
RE-TIMING
LOOP
FILTER
LOOP
FILTER
REFCLKP/N
(OPTIONAL)
2
Figure 1.


Podobny numer części - ADN2813_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2813ACPZ AD-ADN2813ACPZ Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2813ACPZ-500RL7 AD-ADN2813ACPZ-500RL7 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2813ACPZ-RL7 AD-ADN2813ACPZ-RL7 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
More results

Podobny opis - ADN2813_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2812 AD-ADN2812_15 Datasheet
409Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
Rev. E
ADN2814 AD-ADN2814_15 Datasheet
407Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com