Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2813 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADN2813
Szczegółowy opis  Data Recovery IC with Integrated Limiting Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADN2813_15 Datasheet HTML 7Page - Analog Devices ADN2813_15 Datasheet HTML 8Page - Analog Devices ADN2813_15 Datasheet HTML 9Page - Analog Devices ADN2813_15 Datasheet HTML 10Page - Analog Devices ADN2813_15 Datasheet HTML 11Page - Analog Devices ADN2813_15 Datasheet HTML 12Page - Analog Devices ADN2813_15 Datasheet HTML 13Page - Analog Devices ADN2813_15 Datasheet HTML 14Page - Analog Devices ADN2813_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADN2813
Rev. C | Page 11 of 28
Table 6. Internal Register Map1
Reg.
Name
R/W
Address
D7
D6
D5
D4
D3
D2
D1
D0
FREQ0
R
0x0
MSB
LSB
FREQ1
R
0x1
MSB
LSB
FREQ2
R
0x2
0
MSB
LSB
RATE
R
0x3
COARSE_RD[8] MSB
Coarse Data Rate Readback
COARSE_RD[1]
MISC
R
0x4
x
x
LOS
Status
Static
LOL
LOL
Status
Data Rate
Measure
Complete
x
COARSE_RD[0] LSB
CTRLA
W
0x8
FREF Range
Data Rate/DIV_FREF Ratio
Measure
Data Rate
Lock to
Reference
CTRLB
W
0x9
Config.
LOL
Reset
MISC[4]
System
Reset
0
Reset
MISC[2]
0
0
0
CTRLC
W
0x11
0
0
0
0
0
Config. LOS
SQUELCH
Mode
Output Boost
1
All writeable registers default to 0x00.
Table 7. Miscellaneous Register, MISC
LOS Status
Static LOL
LOL Status
Data Rate Measurement
Complete
Coarse Rate
Readback LSB
D7
D6
D5
D4
D3
D2
D1
D0
x
x
0 = No loss of signal
0 = Waiting for next LOL
0 = Locked
0 = Measuring data rate
x
COARSE_RD[0]
1 = Loss of signal
1 = Static LOL until reset
1 = Acquiring
1 = Measurement complete
Table 8. Control Register, CTRLA1
FREF Range
Data Rate/Div_FREF Ratio
Measure Data Rate
Lock to Reference
D7
D6
D5
D4
D3
D2
D1
D0
0
0
10 MHz to 20 MHz
0
0
0
0
1
Set to 1 to measure data rate
0 = Lock to input data
0
1
20 MHz to 40 MHz
0
0
0
1
2
1 = Lock to reference clock
1
0
40 MHz to 80 MHz
0
0
1
0
4
1
1
80 MHz to 160 MHz
n
2n
1
0
0
0
256
1
Where DIV_FREF is the divided down reference referred to the 10 MHz to 20 MHz band (see the Reference Clock (Optional) section).
Table 9. Control Register, CTRLB
Config LOL
Reset MISC[4]
System Reset
Reset MISC[2]
D7
D6
D5
D4
D3
D2
D1
D0
0 = LOL pin normal operation
Write a 1 followed by
0 to reset MISC[4]
Write a 1 followed by 0
to reset ADN2813
Set
to 0
Write a 1 followed by 0
to reset MISC[2]
Set
to 0
Set
to 0
Set
to 0
1 = LOL pin is static LOL
Table 10. Control Register, CTRLC
Config. LOS
SQUELCH Mode
Output Boost
D7
D6
D5
D4
D3
D2
D1
D0
Set to 0
Set to 0
Set to 0
Set to 0
Set to 0
0 = Active high LOS
0 = SQUELCH CLK and DATA
0 = Default output swing
1 = Active low LOS
1 = SQUELCH CLK or DATA
1 = Boost output swing


Podobny numer części - ADN2813_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2813ACPZ AD-ADN2813ACPZ Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2813ACPZ-500RL7 AD-ADN2813ACPZ-500RL7 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2813ACPZ-RL7 AD-ADN2813ACPZ-RL7 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
More results

Podobny opis - ADN2813_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2812 AD-ADN2812_15 Datasheet
409Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
Rev. E
ADN2814 AD-ADN2814_15 Datasheet
407Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com