Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2817 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADN2817
Szczegółowy opis  Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2817 Arkusz danych(HTML) 3 Page - Analog Devices

  ADN2817_15 Datasheet HTML 1Page - Analog Devices ADN2817_15 Datasheet HTML 2Page - Analog Devices ADN2817_15 Datasheet HTML 3Page - Analog Devices ADN2817_15 Datasheet HTML 4Page - Analog Devices ADN2817_15 Datasheet HTML 5Page - Analog Devices ADN2817_15 Datasheet HTML 6Page - Analog Devices ADN2817_15 Datasheet HTML 7Page - Analog Devices ADN2817_15 Datasheet HTML 8Page - Analog Devices ADN2817_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
ADN2817/ADN2818
Rev. E | Page 3 of 40
REVISION HISTORY
1/13 Rev. D to Rev. E
Moved Revision History Section.....................................................3
Change to Table 8............................................................................15
Changes to Table 15 ........................................................................17
Changes to Rate Selectivity Section ..............................................28
1/12—Rev. C to Rev. D
Changes to Figure 14 ......................................................................12
Updated Outline Dimensions........................................................37
3/10—Rev. B to Rev. C
Changes to Features Section and Applications Section ...............1
Changes to Thermal Resistance Section ........................................9
Added Table 6; Renumbered Sequentially.....................................9
Changes to Table 7 ..........................................................................10
Changes to Table 8 ..........................................................................14
Changes to Table 14 ........................................................................15
Deleted Table 16; Renumbered Sequentially...............................16
Changes to Table 16 ........................................................................16
Changes to I2C Interface Section...................................................24
Changed fREF Ratio to DIV_FREF Ratio.......................................25
Changes to Initiate Frequency Acquisition, Rate Selectivity,
Double Data Rate Mode, and PRBS Generator/Detector
Sections.............................................................................................27
Changes to Table 19 ........................................................................32
Changes to Table 20 ........................................................................34
2/09—Rev. A to Rev. B
Updated Outline Dimensions........................................................37
Changes to Ordering Guide...........................................................37
8/08—Rev. 0 to Rev. A
Changes to Features Section, General Description Section, and
Figure 1...............................................................................................1
Added Bit Rate Monitor Specifications Section and Table 4;
Renumbered Sequentially ................................................................7
Changes to Figure 5 and Table 6 ...................................................10
Changes to Table 7 and Table 8 .....................................................14
Changes to Table 14 ........................................................................15
Added Table 15................................................................................15
Added Table 16................................................................................16
Added Sample Phase Adjust Section and Bit Error Rate (BER)
Monitor Section...............................................................................23
Added Figure 32; Renumbered Sequentially...............................24
Changes to Figure 36 ......................................................................29
Added Exposed Pad Notation to Outline Dimensions..............37
7/07—Revision 0: Initial Version


Podobny numer części - ADN2817_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2817ACPZ AD-ADN2817ACPZ Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817ACPZ-RL AD-ADN2817ACPZ-RL Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Podobny opis - ADN2817_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com