Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2819 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADN2819
Szczegółowy opis  Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2819 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADN2819_15 Datasheet HTML 6Page - Analog Devices ADN2819_15 Datasheet HTML 7Page - Analog Devices ADN2819_15 Datasheet HTML 8Page - Analog Devices ADN2819_15 Datasheet HTML 9Page - Analog Devices ADN2819_15 Datasheet HTML 10Page - Analog Devices ADN2819_15 Datasheet HTML 11Page - Analog Devices ADN2819_15 Datasheet HTML 12Page - Analog Devices ADN2819_15 Datasheet HTML 13Page - Analog Devices ADN2819_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADN2819
Rev. B | Page 10 of 24
LOS RESPONSE TIME
The LOS response time is the delay between the removal of the
input signal and indication of loss of signal (LOS) at SDOUT.
The ADN2819’s response time is 300 ns typ when the inputs are
dc-coupled. In practice, the time constant of ac-coupling at the
quantizer input determines the LOS response time.
JITTER SPECIFICATIONS
The ADN2819 CDR is designed to achieve the best bit-error-
rate (BER) performance, and has exceeded the jitter transfer,
generation, and tolerance specifications proposed for
SONET/SDH equipment defined in the Telcordia Technologies
specification.
Jitter is the dynamic displacement of digital signal edges from
their long-term average positions measured in UI (unit
intervals), where 1 UI = 1 bit period. Jitter on the input data
can cause dynamic phase errors on the recovered clock
sampling edge. Jitter on the recovered clock causes jitter on the
retimed data.
The following sections summarize the specifications of the jitter
generation, transfer, and tolerance in accordance with the
Telcordia document (GR-253-CORE, Issue 3, September 2000)
for the optical interface at the equipment level, and the
ADN2819 performance with respect to those specifications.
Jitter Generation
Jitter generation specification limits the amount of jitter that
can be generated by the device with no jitter and wander
applied at the input. For OC-48 devices, the band-pass filter has
a 12 kHz high-pass cutoff frequency, with a roll-off of
20 dB/decade and a low-pass cutoff frequency of at least
20 MHz. The jitter generated should be less than 0.01 UI rms
and 0.1 UI p-p.
Jitter Transfer
Jitter transfer function is the ratio of the jitter on the output
signal to the jitter applied on the input signal versus the
frequency. This parameter measures the limited amount of jitter
on an input signal that can be transferred to the output signal
(see Figure 11).
SLOPE = –20dB/DECADE
JITTER FREQUENCY (kHz)
0.1
fC
ACCEPTABLE
RANGE
Figure 11. Jitter Transfer Curve
Jitter Tolerance
Jitter tolerance is defined as the peak-to-peak amplitude of the
sinusoidal jitter applied on the input signal that causes a 1 dB
power penalty. This is a stress test that is intended to ensure no
additional penalty is incurred under the operating conditions
(see Figure 12). Figure 13 shows the typical OC-48 jitter
tolerance performance of the ADN2819.
SLOPE = –20dB/DECADE
f0
f1
f2
f3
f4
JITTER FREQUENCY (Hz)
15
1.5
0.15
Figure 12. SONET Jitter Tolerance Mask
MODULATION FREQUENCY (Hz)
10
1k
100k
10M
100
10
0.1
1
100
10k
1M
1
ADN2819
OC-48 SONET MASK
Figure 13. OC-48 Jitter Tolerance Curve


Podobny numer części - ADN2819_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2819ACP-CML AD-ADN2819ACP-CML Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2819ACP-CML-RL AD-ADN2819ACP-CML-RL Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2819ACPZ-CML-RL1 AD-ADN2819ACPZ-CML-RL1 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2819ACPZ-CML1 AD-ADN2819ACPZ-CML1 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
More results

Podobny opis - ADN2819_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
logo
Analog Devices
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2812 AD-ADN2812_15 Datasheet
409Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
Rev. E
ADN2814 AD-ADN2814_15 Datasheet
407Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com