Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2819 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADN2819
Szczegółowy opis  Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2819 Arkusz danych(HTML) 3 Page - Analog Devices

  ADN2819_15 Datasheet HTML 1Page - Analog Devices ADN2819_15 Datasheet HTML 2Page - Analog Devices ADN2819_15 Datasheet HTML 3Page - Analog Devices ADN2819_15 Datasheet HTML 4Page - Analog Devices ADN2819_15 Datasheet HTML 5Page - Analog Devices ADN2819_15 Datasheet HTML 6Page - Analog Devices ADN2819_15 Datasheet HTML 7Page - Analog Devices ADN2819_15 Datasheet HTML 8Page - Analog Devices ADN2819_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADN2819
Rev. B | Page 3 of 24
SPECIFICATIONS
Table 1. TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 4.7 µF, SLICEP = SLICEN = VCC, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
QUANTIZER—DC CHARACTERISTICS
Input Voltage Range
@ PIN or NIN, dc-coupled
0
1.2
V
Peak-to-Peak Differential Input
2.4
V
Input Common-Mode Level
DC-coupled (See Figure 28)
0.4
V
Differential Input Sensitivity
PIN-NIN, ac-coupled1, BER = 1 × 10–10
4
10
mV p-p
Input Overdrive
See Figure 8
2
5
mV p-p
Input Offset
500
µV
Input rms Noise
BER = 1 × 10–10
244
µV rms
QUANTIZER—AC CHARACTERISTICS
Upper –3 dB Bandwidth
1.9
GHz
Small Signal Gain
Differential
54
dB
S11
@ 2.5 GHz
–15
dB
Input Resistance
Differential
100
Input Capacitance
0.65
pF
Pulse Width Distortion2
10
ps
QUANTIZER SLICE ADJUSTMENT
Gain
SLICEP–SLICEN = ±0.5 V
0.11
0.20
0.30
V/V
Control Voltage Range
SLICEP–SLICEN
–0.8
+0.8
V
@ SLICEP or SLICEN
1.3
VCC
V
Slice Threshold Offset
±1.0
mV
LEVEL SIGNAL DETECT (SDOUT)
Level Detect Range (See Figure 4)
RTHRESH = 2 Ω
9.4
13.3
18.0
mV
RTHRESH = 20 kΩ
2.5
5.3
7.6
mV
RTHRESH = 90 kΩ
0.7
3.0
5.2
mV
Response Time
DC-coupled
0.1
0.3
5
µs
Hysteresis (Electrical)
OC-48, PRBS 223
RTHRESH = 2 kΩ
5.6
6.6
7.8
dB
RTHRESH = 20 kΩ
3.9
6.2
8.5
dB
RTHRESH = 90 kΩ
3.2
6.7
9.9
dB
OC-12, PRBS 223
RTHRESH = 2 kΩ
4.7
6.4
7.8
dB
RTHRESH = 20 kΩ
1.8
6.0
10.0
dB
RTHRESH = 90 kΩ
6.3
dB
RTHRESH = 90 kΩ @ 25°C
4.8
6.9
8.9
dB
OC-3, PRBS 223
RTHRESH = 2 kΩ
3.6
6.2
8.5
dB
RTHRESH = 20 kΩ
5.6
dB
RTHRESH = 90 kΩ
5.6
dB
RTHRESH = 90 kΩ @ 25°C
3.4
6.6
9.9
dB
OC-48, PRBS 27
RTHRESH = 2 kΩ
5.6
6.6
7.8
dB
RTHRESH = 20 kΩ
3.9
6.2
8.5
dB
RTHRESH = 90 kΩ
3.2
6.7
9.9
dB
OC-12, PRBS 27
RTHRESH = 2 kΩ
5.7
6.6
7.8
dB
RTHRESH = 20 kΩ
3.9
6.2
8.5
dB
RTHRESH = 90 kΩ
3.2
6.7
9.9
dB


Podobny numer części - ADN2819_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2819ACP-CML AD-ADN2819ACP-CML Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2819ACP-CML-RL AD-ADN2819ACP-CML-RL Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2819ACPZ-CML-RL1 AD-ADN2819ACPZ-CML-RL1 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2819ACPZ-CML1 AD-ADN2819ACPZ-CML1 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
More results

Podobny opis - ADN2819_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
logo
Analog Devices
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2812 AD-ADN2812_15 Datasheet
409Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
Rev. E
ADN2814 AD-ADN2814_15 Datasheet
407Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com