Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFD1Z0 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części IRFD1Z0
Szczegółowy opis  0.4A and 0.5A, 60V and 100V, 2.4 and 3.2 Ohm, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD1Z0 Arkusz danych(HTML) 1 Page - Intersil Corporation

  IRFD1Z0 Datasheet HTML 1Page - Intersil Corporation IRFD1Z0 Datasheet HTML 2Page - Intersil Corporation IRFD1Z0 Datasheet HTML 3Page - Intersil Corporation IRFD1Z0 Datasheet HTML 4Page - Intersil Corporation IRFD1Z0 Datasheet HTML 5Page - Intersil Corporation IRFD1Z0 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
Semiconductor
Features
• 0.4A and 0.5A, 60V and 100V
•rDS(ON) = 2.4Ω and 3.2Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Description
These are N-Channel enhancement mode silicon gate
power field effect transistors designed for applications such
as switching regulators, switching converters, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
They can be operated directly from integrated circuits.
Formerly developmental type TA17451.
Symbol
Packaging
HEXDIP
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFD1Z0
HEXDIP
IRFD1Z0
IRFD1Z1
HEXDIP
IRFD1Z1
IRFD1Z2
HEXDIP
IRFD1Z2
IRFD1Z3
HEXDIP
IRFD1Z3
NOTE: When ordering, use the entire part number.
G
D
S
SOURCE
GATE
DRAIN
July 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
2313.1
IRFD1Z0, IRFD1Z1,
IRFD1Z2, IRFD1Z3
0.4A and 0.5A, 60V and 100V, 2.4 and 3.2 Ohm,
N-Channel Power MOSFETs


Podobny numer części - IRFD1Z0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
   1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFD110 IRF-IRFD110 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A)
logo
Vishay Siliconix
IRFD110 VISHAY-IRFD110 Datasheet
132Kb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
IRFD110 VISHAY-IRFD110 Datasheet
156Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFD110PBF IRF-IRFD110PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
More results

Podobny opis - IRFD1Z0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
   0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
   25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
   8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
logo
Harris Corporation
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
   4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
IRFD121 HARRIS-IRFD121 Datasheet
360Kb / 6P
   1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
   1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFM18N08 INTERSIL-RFM18N08 Datasheet
38Kb / 5P
   18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
   12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com