Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFD210 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części IRFD210
Szczegółowy opis  0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD210 Arkusz danych(HTML) 6 Page - Intersil Corporation

  IRFD210 Datasheet HTML 1Page - Intersil Corporation IRFD210 Datasheet HTML 2Page - Intersil Corporation IRFD210 Datasheet HTML 3Page - Intersil Corporation IRFD210 Datasheet HTML 4Page - Intersil Corporation IRFD210 Datasheet HTML 5Page - Intersil Corporation IRFD210 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-286
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
FIGURE 18. GATE CHARGE TEST CIRCUIT
FIGURE 19. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
Ig(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
Ig(REF)
0
IRFD210


Podobny numer części - IRFD210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFD210 IRF-IRFD210 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.60A)
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
   0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFD210 VISHAY-IRFD210 Datasheet
1Mb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
IRFD210 VISHAY-IRFD210 Datasheet
843Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFD210PBF IRF-IRFD210PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
More results

Podobny opis - IRFD210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
IRFD9220 INTERSIL-IRFD9220 Datasheet
53Kb / 6P
   0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
   2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
   2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
IRF9620 INTERSIL-IRF9620 Datasheet
58Kb / 7P
   3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFR9220 INTERSIL-IRFR9220 Datasheet
99Kb / 8P
   3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com