Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFF110 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części IRFF110
Szczegółowy opis  3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF110 Arkusz danych(HTML) 3 Page - Intersil Corporation

  IRFF110 Datasheet HTML 1Page - Intersil Corporation IRFF110 Datasheet HTML 2Page - Intersil Corporation IRFF110 Datasheet HTML 3Page - Intersil Corporation IRFF110 Datasheet HTML 4Page - Intersil Corporation IRFF110 Datasheet HTML 5Page - Intersil Corporation IRFF110 Datasheet HTML 6Page - Intersil Corporation IRFF110 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET Symbol
Showing the Integral
Reverse P-N Junction
Rectifier
-
-
3.5
A
Pulse Source to Drain Current (Note 3)
ISM
-
-
14
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 3.5A, VGS = 0V (Figure 13)
-
-
2.5
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 3.5A, dISD/dt = 100A/µs
-
200
-
ns
Reverse Recovery Charge
QRR
TJ = 150
oC, I
SD = 3.5A, dISD/dt = 100A/µs
-
1.0
-
µC
Forward Turn-On Time
tON
Intrinsic Turn-On Time is Negligible. Turn-On
Speed is Substantially Controlled by LS + LD
---
-
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 5V, starting TJ = 25
oC, L = 2.3mH, R
G = 25Ω, peak IAS = 3.5A. See Figures 15, 16.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
G
D
S
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
2
1
0
25
50
75
100
125
150
4
TC, CASE TEMPERATURE (
oC)
5
3
t1, RECTANGULAR PULSE DURATION (s)
10
10-3
10-2
10-1
1
10-5
10-4
1
0.01
0.1
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.1
0.02
0.2
0.5
0.01
0.05
SINGLE PULSE
2
IRFF110


Podobny numer części - IRFF110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GE Solid State
IRFF110 GESS-IRFF110 Datasheet
176Kb / 5P
   Power MOS Field-Effect Transistors
logo
Seme LAB
IRFF110 SEME-LAB-IRFF110 Datasheet
16Kb / 1P
   N-Channel MOSFET in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
IRFF110 NJSEMI-IRFF110 Datasheet
474Kb / 2P
   IM-CHANIMEL POWER MOSFETs TO-39 PACKAGE
More results

Podobny opis - IRFF110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
FSL110D INTERSIL-FSL110D Datasheet
58Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
October 1998
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
   1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRFF330 INTERSIL-IRFF330 Datasheet
326Kb / 7P
   3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFF330 NJSEMI-IRFF330 Datasheet
1,005Kb / 3P
   3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power
logo
Intersil Corporation
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
   6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
RF1K49086 INTERSIL-RF1K49086 Datasheet
143Kb / 7P
   3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET??Power MOSFET
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
   9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com