Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2871 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADN2871
Szczegółowy opis  3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2871 Arkusz danych(HTML) 1 Page - Analog Devices

  ADN2871_15 Datasheet HTML 1Page - Analog Devices ADN2871_15 Datasheet HTML 2Page - Analog Devices ADN2871_15 Datasheet HTML 3Page - Analog Devices ADN2871_15 Datasheet HTML 4Page - Analog Devices ADN2871_15 Datasheet HTML 5Page - Analog Devices ADN2871_15 Datasheet HTML 6Page - Analog Devices ADN2871_15 Datasheet HTML 7Page - Analog Devices ADN2871_15 Datasheet HTML 8Page - Analog Devices ADN2871_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3.3 V, 50 Mbps to 4.25 Gbps,
Single-Loop, Laser Diode Driver
ADN2871
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
SFP/SFF and SFF-8472 MSA-compliant
SFP reference design available
50 Mbps to 4.25 Gbps operation
Automatic average power control
Typical rise/fall time 60 ps
Supports VCSEL, DFB, and FP lasers
Bias current range 2 mA to 100 mA
Modulation current range 5 mA to 90 mA
Laser fail alarm and automatic laser shutdown (ALS)
Bias and modulation current monitoring
3.3 V operation
4 mm × 4 mm LFCSP
Voltage setpoint control
Resistor setpoint control
Pin-compatible with ADN2870
APPLICATIONS
1×/2×/4× Fibre Channel SFP/SFF modules
Multirate OC3 to OC48-FEC SFP/SFF modules
LX-4 modules
DWDM/CWDM SFP modules
1GE SFP/SFF transceiver modules
VCSEL, DFB, and FP transmitters
GENERAL DESCRIPTION
The ADN2871 laser diode driver is designed for advanced SFP
and SFF modules, using SFF-8472 digital diagnostics. The
ADN2871 supports operation from 50 Mbps to 4.25 Gbps.
Average power and extinction ratio can be set with a voltage
provided by a microcontroller DAC or by a trimmable resistor
or digital potentiometer. The average power control loop is
implemented using feedback from a monitor photodiode. The
part provides bias and modulation current monitoring as well
as fail alarms and automatic laser shutdown (ALS). The device
interfaces easily with the Analog Devices, Inc. ADuC70xx
family of MicroConverters® and with the ADN289x family of
limiting amplifiers to make a complete SFP/SFF transceiver
solution. An SFP reference design is available. The product is
pin-compatible with the ADN2870 dual-loop LDD, allowing
one PC board layout to work with either device. For dual-loop
applications, refer to the ADN2870 data sheet.
The product is available in a space-saving 4 mm × 4 mm LFCSP
specified over the −40°C to +85°C temperature range.
Figure 1 shows an application diagram of the voltage setpoint
control with single-ended laser interface. Figure 36 shows a
differential laser interface.
ADI
MICROCONTROLLER
Tx_DISABLE
Tx_FAULT
CONTROL
PAVREF
PAVSET
ADN2871
RPAV
GND
DAC
DAC
VCC
MPD
ERREF
ERSET
GND
IMOD
DATAP
IMODP
DATAN
IMODN
IBMON
IMMON
ALS
FAIL
IBIAS
100Ω
CCBIAS
VCC
LASER
L
R
VCC
VCC
VCC
GND
GND
PAVCAP
470Ω
1kΩ
GND
GND
NC
1kΩ
1kΩ
ADC
VCC
×100
VCC
RZ
Figure 1. Application Diagram of Voltage Setpoint Control with a Single-Ended Laser Interface


Podobny numer części - ADN2871_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2871ACPZ AD-ADN2871ACPZ Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2871ACPZ-RL AD-ADN2871ACPZ-RL Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2871ACPZ-RL7 AD-ADN2871ACPZ-RL7 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
More results

Podobny opis - ADN2871_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com