Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2880 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADN2880
Szczegółowy opis  3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2880 Arkusz danych(HTML) 1 Page - Analog Devices

  ADN2880_15 Datasheet HTML 1Page - Analog Devices ADN2880_15 Datasheet HTML 2Page - Analog Devices ADN2880_15 Datasheet HTML 3Page - Analog Devices ADN2880_15 Datasheet HTML 4Page - Analog Devices ADN2880_15 Datasheet HTML 5Page - Analog Devices ADN2880_15 Datasheet HTML 6Page - Analog Devices ADN2880_15 Datasheet HTML 7Page - Analog Devices ADN2880_15 Datasheet HTML 8Page - Analog Devices ADN2880_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3.2 Gbps, 3.3 V, Low Noise,
Transimpedance Amplifier
ADN2880
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Bandwidth: 2.5 GHz
Optical sensitivity: −24.2 dBm1
Differential transimpedance: 4400 V/A
Power dissipation: 70 mW
Differential output swing: 260 mV p-p
Input overload current: 4.3 mA p-p
On-chip RSSI function
Low frequency cutoff: 20 kHz
On-chip PD filter: RF = 200 Ω, CF = 20 pF
Die size: 0.7 mm × 1.2 mm
APPLICATIONS
3.2 Gbps or below optical receivers
SONET/GbE/FC optical receivers
SFF-8472-compliant receivers
PIN/APD-TIA receive optical subassemblies (ROSA)
GENERAL DESCRIPTION
The ADN2880 is a 3.3 V, high gain SiGe transimpedance
amplifier (TIA). The TIA converts the small signal current of a
photo detector into differential voltage output. The ADN2880
features a 315 nA typical input-referred noise, enabling an
optical sensitivity of −24.2 dBm (0.85 A/W PIN). With a
bandwidth of 2.5 GHz, the ADN2880 allows a data rate
operation up to 3.2 Gbps. Typical power dissipation is
approximately 70 mW.
To facilitate the assembly in small form factor packages, such
as TO-46 headers, the ADN2880 provides an on-chip RC filter
(200 Ω, 20 pF) and features a 20 kHz low frequency cutoff
without using an external capacitor. An on-chip RSSI circuit,
which generates a voltage proportional to the average photo-
diode current, is also available for power monitoring and
assembly alignment.
The ADN2880 is available in die form. With a chip area of
1.2 mm × 0.7 mm, the TIA layout is specifically optimized for
TO-Can-based packages.
1 Based on 1550 nm PIN, responsivity = 0.85 A/W, ER = 9 dB, BER < 10−10.
FUNCTIONAL BLOCK DIAGRAM
1400
Ω
0.85V
20pF
50
Ω
200
Ω
50
Ω
3.3V
FILTER
IN
VCCFILTER
VCC
GND
GND
CAP
5mA
OUTB
OUT
RSSI
Figure 1.


Podobny numer części - ADN2880_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2880ACHIPS AD-ADN2880ACHIPS Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
More results

Podobny opis - ADN2880_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
   4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
   2.5 Gbps Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com