Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2892 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADN2892
Szczegółowy opis  3.3 V, 4.25 Gbps, Limiting Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2892 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADN2892_15 Datasheet HTML 6Page - Analog Devices ADN2892_15 Datasheet HTML 7Page - Analog Devices ADN2892_15 Datasheet HTML 8Page - Analog Devices ADN2892_15 Datasheet HTML 9Page - Analog Devices ADN2892_15 Datasheet HTML 10Page - Analog Devices ADN2892_15 Datasheet HTML 11Page - Analog Devices ADN2892_15 Datasheet HTML 12Page - Analog Devices ADN2892_15 Datasheet HTML 13Page - Analog Devices ADN2892_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADN2892
Data Sheet
THEORY OF OPERATION
LIMITING AMPLIFIER
Input Buffer
The ADN2892 limiting amplifier provides differential
inputs (PIN/NIN), each with a single-ended, on-chip 50 Ω
termination. The amplifier can accept either dc-coupled or
ac-coupled signals; however, an ac-coupled signal is
recommended. Using a dc-coupled signal, the amplifier
needs a nominal VCC − 0.7 V common-mode voltage and
±0.5 V headroom. If the input common-mode voltage is 2.4 V,
the available headroom is reduced down to ±0.3 V.
The ADN2892 limiting amplifier is a high gain device. It is
susceptible to dc offsets in the signal path. The pulse width
distortion presented in the NRZ data or a distortion generated
by the TIA may appear as dc offset or a corrupted signal to the
ADN2892 inputs. An internal offset correction loop can
compensate for certain levels of offset.
CML Output Buffer
The ADN2892 provides differential CML outputs, OUTP and
OUTN. Each output has an internal 50 Ω termination to VCC.
LOSS-OF-SIGNAL (LOS) DETECTOR
The on-chip LOS circuit drives LOS to logic high when the
input signal level falls below a user-programmable threshold.
The threshold level can be set anywhere from 3.5 mV p-p to
35 mV p-p typical by a resistor connected between the
THRADJ pin and VEE. See Figure 6 and Figure 7 for the LOS
threshold vs. THRADJ. The ADN2892 LOS circuit has an
electrical hysteresis greater than 2.5 dB to prevent chatter at the
LOS signal. The LOS output is an open-collector output that
must be pulled up externally with a 4.7 kΩ to 10 kΩ resistor.
RECEIVED SIGNAL STRENGTH INDICATOR (RSSI)
The ADN2892 has an on-chip, RSSI circuit. By monitoring the
current supplied to the photodiode, the RSSI circuit provides an
accurate, average power measurement. The output of the RSSI is
a current that is directly proportional to the average amount of
PIN photodiode current. Placing a resistor between the
RSSI_OUT pin and GND converts the current to a GND
referenced voltage. This function eliminates the need for
external RSSI circuitry for SFF-8472-compliant optical
receivers. For more information, see Figure 12 to Figure 16.
Connect the PD_VCC, PD_CATHODE, and RSSI_OUT pins to
AVCC to disable the RSSI feature.
SQUELCH MODE
Driving the SQUELCH input to logic high disables the limiting
amplifier outputs. Using LOS output to drive the SQUELCH
input, the limiting amplifier outputs stop toggling anytime a
signal input level to the limiting amplifier drops below the
programmed LOS threshold.
The SQUELCH pin has a 100 kΩ, internal pull-down resistor.
BW_SEL (BANDWIDTH SELECTION) MODE
Driving the BW_SEL input signal to logic high, the amplifier
provides a 3.8 GHz bandwidth. Driving the BW_SEL input
signal to logic low, the amplifier accepts input signals through a
1.5 GHz, 2-pole, low-pass filter that improves receiving
sensitivity.
The low-pass filter reduces the possible relaxation oscillation of
low speed, low cost laser source by limiting the input signal
bandwidth.
The BW_SEL pin has a 100 kΩ, on-chip pull-up resistor. Setting
the BW_SEL pin open disables the low-pass filter.
LOS_INV (LOSE OF SIGNAL_INVERT) MODE
Some applications, such as SFF, need the LOS assertion and
deassertion voltage reversed. When the LOS_INV pin is pulled
to logic high, the LOS output assertion is pulled down to
electrical low.
The LOS_INV pin has a 100 kΩ on-chip, pull-down resistor.
Rev. B | Page 10 of 16


Podobny numer części - ADN2892_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
More results

Podobny opis - ADN2892_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892_17 Datasheet
454Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2892 AD-ADN2892 Datasheet
237Kb / 12P
   3.3 V 4.25 Gb/s Limiting Amplifier
Rev. PrA
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
   4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
logo
Texas Instruments
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com