Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1111 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADP1111
Szczegółowy opis  Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1111 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADP1111_15 Datasheet HTML 4Page - Analog Devices ADP1111_15 Datasheet HTML 5Page - Analog Devices ADP1111_15 Datasheet HTML 6Page - Analog Devices ADP1111_15 Datasheet HTML 7Page - Analog Devices ADP1111_15 Datasheet HTML 8Page - Analog Devices ADP1111_15 Datasheet HTML 9Page - Analog Devices ADP1111_15 Datasheet HTML 10Page - Analog Devices ADP1111_15 Datasheet HTML 11Page - Analog Devices ADP1111_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ADP1111
–8–
REV. 0
As previously mentioned, the switch voltage is higher in step-
down mode than in step-up mode. VSW is a function of switch
current and is therefore a function of VIN, L, time and VOUT.
For most applications, a VSW value of 1.5 V is recommended.
The inductor value can now be calculated:
L
=
V
IN MIN
() −VSW −VOUT
IPEAK
• t
ON
(Equation 7)
where tON = switch ON time (7
μs).
If the input voltage will vary (such as an application that must
operate from a 9 V, 12 V or 15 V source), an RLIM resistor
should be selected from Figure 6. The RLIM resistor will keep
switch current constant as the input voltage rises. Note that
there are separate RLIM values for step-up and step-down modes
of operation.
For example, assume that +5 V at 300 mA is required from a
+12 V to +24 V source. Deriving the peak current from
Equation 6 yields:
IPEAK
=
2
• 300 mA
0.5
5
+ 0.5
12
−1.5 + 0.5
⎝⎜
⎠⎟
= 600 mA
Then, the peak current can be inserted into Equation 7 to
calculate the inductor value:
L
=
12
−1.5 − 5
600 mA
• 7μs = 64 μH
Since 64
μH is not a standard value, the next lower standard
value of 56
μH would be specified.
To avoid exceeding the maximum switch current when the
input voltage is at +24 V, an RLIM resistor should be specified.
Using the step-down curve of Figure 6, a value of 560
Ω will
limit the switch current to 600 mA.
INDUCTOR SELECTION–POSITIVE-TO-NEGATIVE
CONVERTER
The configuration for a positive-to-negative converter using the
ADP1111 is shown in Figure 22. As with the step-up converter,
all of the output power for the inverting circuit must be supplied
by the inductor. The required inductor power is derived from
the formula:
P
=
I
L
OUT
VV
OUT
D
+
()()
(Equation 8)
The ADP1111 power switch does not saturate in positive-to-
negative mode. The voltage drop across the switch can be
modeled as a 0.75 V base-emitter diode in series with a 0.65
Ω
resistor. When the switch turns on, inductor current will rise at
a rate determined by:
IL t
() = VL
R'
1
− e
−R't
L
⎝⎜
⎠⎟
(Equation 9)
where: R' = 0.65
Ω + R
L(DC)
VL = VIN – 0.75 V
For example, assume that a –5 V output at 50 mA is to be
generated from a +4.5 V to +5.5 V source. The power in the
inductor is calculated from Equation 8:
PL
= |−5V|+0.5V|
()• 50mA
()=275mW
During each switching cycle, the inductor must supply the
following energy:
PL
f OSC
=
275 mW
72 kHz
= 3.8 μJ
Using a standard inductor value of 56
μH with 0.2 Ω dc
resistance will produce a peak switch current of:
IPEAK
=
4.5V
− 0.75V
0.65
Ω+0.2 Ω
1
− e
−0.85 Ω• 7 μs
56
μH
⎟ = 445 mA
Once the peak current is known, the inductor energy can be
calculated from (Equation 9):
EL
=
1
2
56
μH
()• 445mA
()2 =5.54 μJ
Since the inductor energy of 5.54
μJ is greater than the P
L/fOSC
requirement of 3.82
μJ, the 56 μH inductor will work in this
application.
The input voltage only varies between 4.5 V and 5.5 V in this
application. Therefore, the peak current will not change enough
to require an RLIM resistor and the ILIM pin can be connected
directly to VIN. Care should be taken, of course, to ensure that
the peak current does not exceed 650 mA.
CAPACITOR SELECTION
For optimum performance, the ADP1111’s output capacitor
must be selected carefully. Choosing an inappropriate capacitor
can result in low efficiency and/or high output ripple.
Ordinary aluminum electrolytic capacitors are inexpensive but
often have poor Equivalent Series Resistance (ESR) and
Equivalent Series Inductance (ESL). Low ESR aluminum
capacitors, specifically designed for switch mode converter
applications, are also available, and these are a better choice
than general purpose devices. Even better performance can be
achieved with tantalum capacitors, although their cost is higher.
Very low values of ESR can be achieved by using OS-CON
capacitors (Sanyo Corporation, San Diego, CA). These devices
are fairly small, available with tape-and-reel packaging and have
very low ESR.
The effects of capacitor selection on output ripple are demon-
strated in Figures 15, 16 and 17. These figures show the output
of the same ADP1111 converter that was evaluated with three
different output capacitors. In each case, the peak switch
current is 500 mA, and the capacitor value is 100
μF. Figure 15
shows a Panasonic HF-series 16-volt radial cap. When the
switch turns off, the output voltage jumps by about 90 mV and
then decays as the inductor discharges into the capacitor. The
rise in voltage indicates an ESR of about 0.18
Ω. In Figure 16,
the aluminum electrolytic has been replaced by a Sprague 293D
series, a 6 V tantalum device. In this case the output jumps
about 30 mV, which indicates an ESR of 0.06
Ω. Figure 17
shows an OS-CON 16–volt capacitor in the same circuit, and
ESR is only 0.02
Ω.
REV. A


Podobny numer części - ADP1111_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1111AN AD-ADP1111AN Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111AN-12 AD-ADP1111AN-12 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111AN-33 AD-ADP1111AN-33 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111AN-5 AD-ADP1111AN-5 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results

Podobny opis - ADP1111_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_09 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV. 0
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com