Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1610 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADP1610
Szczegółowy opis  1.2 MHz DC-to-DC Step-Up Switching Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1610 Arkusz danych(HTML) 3 Page - Analog Devices

  ADP1610_15 Datasheet HTML 1Page - Analog Devices ADP1610_15 Datasheet HTML 2Page - Analog Devices ADP1610_15 Datasheet HTML 3Page - Analog Devices ADP1610_15 Datasheet HTML 4Page - Analog Devices ADP1610_15 Datasheet HTML 5Page - Analog Devices ADP1610_15 Datasheet HTML 6Page - Analog Devices ADP1610_15 Datasheet HTML 7Page - Analog Devices ADP1610_15 Datasheet HTML 8Page - Analog Devices ADP1610_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP1610
Rev. A | Page 3 of 20
SPECIFICATIONS
VIN = 3.3 V, TA = −40°C to +85°C, unless otherwise noted. All limits at temperature extremes are guaranteed by correlation and
characterization using standard statistical quality control (SQC), unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage
VIN
2.5
5.5
V
Quiescent Current
Nonswitching State
IQ
VFB = 1.3 V, RT = VIN
390
600
μA
Shutdown
I
QSD
V
SD = 0 V
0.01
10
μA
Switching State1
IQSW
FSW = 1.23 MHz, no load
1
2
mA
OUTPUT
Output Voltage
VOUT
VIN
12
V
Load Regulation
ILOAD = 10 mA to 150 mA, VOUT = 10 V
0.05
mV/mA
Overall Regulation
Line, load, temperature
±3
%
REFERENCE
Feedback Voltage
VFB
1.212
1.230
1.248
V
Line Regulation
VIN = 2.5 V to 5.5 V
−0.15
+0.15
%/V
ERROR AMPLIFIER
Transconductance
gm
ΔI = 1 μA
100
μA/V
Voltage Gain
AV
60
dB
FB Input Bias Current
VFB = 1.23 V
10
nA
SWITCH
SW On Resistance
RON
ISW = 1.0 A
200
400
SW Leakage Current
VSW = 12 V
0.01
20
μA
Peak Current Limit2
ICLSET
2.0
A
OSCILLATOR
Oscillator Frequency
fOSC
RT = GND
0.49
0.7
0.885
MHz
RT = IN
0.89
1.23
1.6
MHz
Maximum Duty Cycle
DMAX
COMP = open, VFB = 1 V, RT = GND
78
83
90
%
SHUTDOWN
Shutdown Input Voltage Low
VIL
Nonswitching state
0.6
V
Shutdown Input Voltage High
VIH
Switching state
2.2
V
Shutdown Input Bias Current
I
SD
V
SD = 3.3 V
0.01
1
μA
SOFT START
SS Charging Current
VSS = 0 V
3
μA
UNDERVOLTAGE LOCKOUT3
UVLO Threshold
VIN rising
2.2
2.4
2.5
V
UVLO Hysteresis
220
mV
1 This parameter specifies the average current while switching internally and with SW (Pin 5) floating.
2 Guaranteed by design and not fully production tested.
3 Guaranteed by characterization.


Podobny numer części - ADP1610_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
More results

Podobny opis - ADP1610_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1611 AD-ADP1611 Datasheet
743Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
logo
Texas Instruments
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com