Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1711 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADP1711
Szczegółowy opis  150 mA, Low Dropout, CMOS Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1711 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADP1711_15 Datasheet HTML 3Page - Analog Devices ADP1711_15 Datasheet HTML 4Page - Analog Devices ADP1711_15 Datasheet HTML 5Page - Analog Devices ADP1711_15 Datasheet HTML 6Page - Analog Devices ADP1711_15 Datasheet HTML 7Page - Analog Devices ADP1711_15 Datasheet HTML 8Page - Analog Devices ADP1711_15 Datasheet HTML 9Page - Analog Devices ADP1711_15 Datasheet HTML 10Page - Analog Devices ADP1711_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP1710/ADP1711
Rev. 0 | Page 7 of 16
180
0
0.1
1000
ILOAD (mA)
1
10
100
160
140
120
100
80
60
40
20
Figure 13. Dropout Voltage vs. Load Current
3.35
2.95
3.2
3.6
VIN (V)
3.30
3.25
3.20
3.15
3.10
3.05
3.00
3.3
3.4
3.5
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
Figure 14. Output Voltage vs. Input Voltage (in Dropout)
7
0
3.20
3.60
VIN (V)
6
5
4
3
2
1
3.25
3.30
3.35
3.40
3.45
3.50
3.55
ILOAD =
100µA
ILOAD =
1mA
ILOAD =
10mA
ILOAD = 150mA
ILOAD = 100mA
ILOAD =
50mA
Figure 15. Ground Current vs. Input Voltage (In Dropout)
0
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
–90
VRIPPLE = 50mV
VIN = 5V
VOUT = 0.75V
COUT = 1µF
ILOAD = 50mA
ILOAD =
10mA
ILOAD = 100µA
Figure 16. ADP1711 Power Supply Rejection Ratio vs. Frequency
(10 nF Bypass Capacitor)
0
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
–90
VRIPPLE = 50mV
VIN = 5V
VOUT = 3.3V
COUT = 1µF
ILOAD = 100µA
ILOAD = 50mA
ILOAD = 10mA
Figure 17. ADP1710 Power Supply Rejection Ratio vs. Frequency


Podobny numer części - ADP1711_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1711AUJZ-0.75R7 AD-ADP1711AUJZ-0.75R7 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1711AUJZ-0.8-R7 AD-ADP1711AUJZ-0.8-R7 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1711AUJZ-0.85R7 AD-ADP1711AUJZ-0.85R7 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1711AUJZ-0.9-R7 AD-ADP1711AUJZ-0.9-R7 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1711AUJZ-0.95R7 AD-ADP1711AUJZ-0.95R7 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Podobny opis - ADP1711_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com