Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1720 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADP1720
Szczegółowy opis  50 mA, High Voltage, Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1720 Arkusz danych(HTML) 3 Page - Analog Devices

  ADP1720_15 Datasheet HTML 1Page - Analog Devices ADP1720_15 Datasheet HTML 2Page - Analog Devices ADP1720_15 Datasheet HTML 3Page - Analog Devices ADP1720_15 Datasheet HTML 4Page - Analog Devices ADP1720_15 Datasheet HTML 5Page - Analog Devices ADP1720_15 Datasheet HTML 6Page - Analog Devices ADP1720_15 Datasheet HTML 7Page - Analog Devices ADP1720_15 Datasheet HTML 8Page - Analog Devices ADP1720_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP1720
Rev. A | Page 3 of 16
SPECIFICATIONS
VIN = 12 V, IOUT = 100 μA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = –40°C to +125°C
4
28
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 μA
28
μA
IOUT = 0 μA, VIN = VOUT + 0.5 V or 4 V (whichever is
greater), TJ = –40°C to +125°C
80
μA
IOUT = 100 μA
35
μA
IOUT = 100 μA, VIN = VOUT + 0.5 V or 4 V (whichever is
greater), TJ = –40°C to +125°C
120
μA
IOUT = 1 mA
74
μA
IOUT = 1 mA, VIN = VOUT + 0.5 V or 4 V (whichever is
greater), TJ = –40°C to +125°C
340
μA
IOUT = 10 mA
300
μA
IOUT = 10 mA, VIN = VOUT + 0.5 V or 4 V (whichever is
greater), TJ = –40°C to +125°C
900
μA
100 μA < IOUT < 50 mA, VIN = VOUT + 0.5 V or 4 V
(whichever is greater), TJ = –40°C to +125°C
1185
2115
μA
SHUTDOWN CURRENT
IGND-SD
EN = GND
0.7
μA
EN = GND, TJ = –40°C to +125°C
1.5
μA
OUTPUT
Fixed Output
VOUT
IOUT = 100 μA
–0.5
+0.5
%
Voltage Accuracy
100 μA < IOUT < 50 mA
–1
+1
%
100 μA < IOUT < 50 mA, TJ = –40°C to +125°C
–2
+2
%
Adjustable Output1
VOUT
IOUT = 100 μA
1.2188
1.2250
1.2311
V
Voltage Accuracy
100 μA < IOUT < 50 mA
1.2127
1.2372
V
100 μA < IOUT < 50 mA, TJ = –40°C to +125°C
1.2005
1.2495
V
Noise (10 Hz to 100 kHz)
OUTNOISE
VOUT = 1.6 V, COUT = 1 μF
146
μV rms
VOUT = 1.6 V, COUT = 10 μF
124
μV rms
VOUT = 5 V, COUT = 1 μF
340
μV rms
VOUT = 5 V, COUT = 10 μF
266
μV rms
REGULATION
Line Regulation
∆VOUT/∆VIN
VIN = (VOUT + 0.5 V) to 28 V, TJ = –40°C to +125°C
–0.02
+0.02
%/ V
Load Regulation2
∆VOUT/∆IOUT
1 mA < IOUT < 50 mA
0.001
%/mA
1 mA < IOUT < 50 mA, TJ = –40°C to +125°C
0.005
%/mA
DROPOUT VOLTAGE3
VDROPOUT
IOUT = 10 mA
55
mV
IOUT = 10 mA, TJ = –40°C to +125°C
105
mV
IOUT = 50 mA
275
mV
IOUT = 50 mA, TJ = –40°C to +125°C
480
mV
START-UP TIME4
TSTART-UP
200
μs
CURRENT LIMIT THRESHOLD5
ILIMIT
55
90
140
mA
THERMAL CHARACTERISTICS
Thermal Shutdown
Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown
Hysteresis
TSSD-HYS
15
°C
EN CHARACTERISTICS
EN Input
Logic High
VIH
4 V ≤ VIN ≤ 28 V
1.8
V
Logic Low
VIL
4 V ≤ VIN ≤ 28 V
0.4
V
Leakage Current
VI-LEAKAGE
EN = GND
0.1
1
μA
EN = IN
0.5
1
μA
ADJ INPUT BIAS CURRENT
(ADP1720 ADJUSTABLE)
ADJI-BIAS
30
100
nA


Podobny numer części - ADP1720_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
373Kb / 5P
   USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
ADP1720-3.3 AD-ADP1720-3.3 Datasheet
418Kb / 5P
   Devices Connected
ADP1720-3.3-EVALZ AD-ADP1720-3.3-EVALZ Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720-33 AD-ADP1720-33 Datasheet
263Kb / 9P
   50mA High-Voltage Micro-power LDO in MSOP
Rev. PrA
More results

Podobny opis - ADP1720_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
logo
ON Semiconductor
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
logo
Texas Instruments
TPS7A4101 TI-TPS7A4101_15 Datasheet
941Kb / 23P
[Old version datasheet]   TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79801-Q1 TI1-TPS79801-Q1_17 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com