Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3303ARZ-3.3 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADP3303ARZ-3.3
Szczegółowy opis  200 mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3303ARZ-3.3 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADP3303ARZ-3.3 Datasheet HTML 7Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 8Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 9Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 10Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 11Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 12Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 13Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 14Page - Analog Devices ADP3303ARZ-3.3 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADP3303
Figure 24. Thermal Coastline
ERROR FLAG DROPOUT DETECTOR
The ADP3303 maintains its output voltage over a wide range of
load, input voltage and temperature conditions. If, for example,
the output is about to lose regulation by reducing the supply
voltage below the combined regulated output and drop-out
voltages, the ERR flag is activated. The ERR output is an open
collector, which is driven low.
Once set, the hysteresis of the ERR flag keeps the output low
until a small margin of operating range is restored either by
raising the supply voltage or reducing the load.
SHUTDOWN MODE
Applying a TTL high signal to the shutdown (SD) pin, or tying
it to the input pin, turns the output on. Pulling SD down to 0.3 V
or below, or tying it to ground, turns the output off. In shutdown
mode, quiescent current is reduced to much less than 1 µA.
COPPER PADDLE
1
2
3
4
8
7
6
5
COPPER
LEAD-FRAME
Rev. C | Page 11 of 16


Podobny numer części - ADP3303ARZ-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3303ARZ-3.3 AD-ADP3303ARZ-3.3 Datasheet
760Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. A
More results

Podobny opis - ADP3303ARZ-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com