Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3303ARZ-5 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADP3303ARZ-5
Szczegółowy opis  200 mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3303ARZ-5 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADP3303ARZ-5 Datasheet HTML 4Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 5Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 6Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 7Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 8Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 9Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 10Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 11Page - Analog Devices ADP3303ARZ-5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP3303
Data Sheet
Figure 16. Load Transient for 10 mA to 200 mA Pulse
Figure 17. Short Circuit Current
Figure 18. Turn On
Figure 19. Turn Off
Figure 20. Power Supply Ripple Rejection
Figure 21. Output Noise Density
3.310
3.305
3.290
200
10
3.300
3.295
VOUT = 3.3V
I (VOUT)
VOUT
CL = 10µF
TIME (µs)
1000
200
0
600
400
800
3.5
0
5
0
4
3
2
1
0
300
100
400
200
3.3V
VOUT
IOUT
VIN = 7V
TIME (Seconds)
TIME (µs)
200
40
0
160
120
80
4
1
0
5
0
3
2
3
CL = 0.47µF, RL = 3.3kΩ
3.3V
VOUT
SD
VIN = 7V
CL = 10µF, RL = 3.3kΩ
CL = 10µF, RL = 16.5kΩ
4
1
25
0
5
10
15
20
3
2
0
0
5
VOUT
VSD
C = 0.47µF
R = 16.5Ω ON 3.3V OUTPUT
TIME (µs)
FREQUENCY (Hz)
0
–100
10M
100
10
1k
10k
100k
1M
–10
–60
–70
–80
–90
–20
–30
–50
–40
b
a
VOUT = 3.3V
a. 0.47µF, RL = 33kΩ
b. 0.47µF, RL = 16.5Ω
c. 10µF, RL = 33kΩ
d. 10µF, RL = 16.5Ω
b
d
a
c
c
d
FREQUENCY (Hz)
10
1
0.01
100k
1k
100
10k
0.1
0.47µF BYPASS
PIN 7, 8 TO PIN 3
VOUT = 5V, CL = 0.47µF,
IL = 1mA, CNR = 0
VOUT = 3.3V, CL = 0.47µF,
IL = 1mA, CNR = 0
VOUT = 2.7 TO 5V, CL = 10µF,
IL = 1mA, CNR = 10nF
Rev. C | Page 8 of 16


Podobny numer części - ADP3303ARZ-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results

Podobny opis - ADP3303ARZ-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com