Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3309ART-2.9-RL7 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADP3309ART-2.9-RL7
Szczegółowy opis  Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3309ART-2.9-RL7 Arkusz danych(HTML) 2 Page - Analog Devices

  ADP3309ART-2.9-RL7 Datasheet HTML 1Page - Analog Devices ADP3309ART-2.9-RL7 Datasheet HTML 2Page - Analog Devices ADP3309ART-2.9-RL7 Datasheet HTML 3Page - Analog Devices ADP3309ART-2.9-RL7 Datasheet HTML 4Page - Analog Devices ADP3309ART-2.9-RL7 Datasheet HTML 5Page - Analog Devices ADP3309ART-2.9-RL7 Datasheet HTML 6Page - Analog Devices ADP3309ART-2.9-RL7 Datasheet HTML 7Page - Analog Devices ADP3309ART-2.9-RL7 Datasheet HTML 8Page - Analog Devices ADP3309ART-2.9-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADP3309
Rev. C | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 9
Application Information................................................................ 10
Capacitor Selection: anyCAP.................................................... 10
Thermal Overload Protection .................................................. 10
Calculating Junction Temperature........................................... 10
Printed Circuit Board Layout Consideration ......................... 10
Shutdown Mode ......................................................................... 10
Error Flag Dropout Detector .................................................... 10
Application Circuits ....................................................................... 11
Crossover Switch ........................................................................ 11
Higher Output Current ............................................................. 11
Constant Dropout Post Regulator............................................ 11
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
12/06—Rev. B to Rev. C
Change to Table 1 ............................................................................. 3
Updated Outline Dimensions ....................................................... 12
Changes to the Ordering Guide.................................................... 12
7/04—Rev. A to Rev. B.
Changes to the Ordering Guide...................................................... 3
Updated Outline Dimensions ......................................................... 8
12/00—Rev. 0 to Rev. A
9/98—Revision 0: Initial Version


Podobny numer części - ADP3309ART-2.9-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3309ART-2.9-RL7 AD-ADP3309ART-2.9-RL7 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ART-2.9-RL7 AD-ADP3309ART-2.9-RL7 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ART-2.9-RL7 AD-ADP3309ART-2.9-RL7 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
More results

Podobny opis - ADP3309ART-2.9-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com