Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3309ART-3-REEL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADP3309ART-3-REEL
Szczegółowy opis  Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3309ART-3-REEL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADP3309ART-3-REEL Datasheet HTML 4Page - Analog Devices ADP3309ART-3-REEL Datasheet HTML 5Page - Analog Devices ADP3309ART-3-REEL Datasheet HTML 6Page - Analog Devices ADP3309ART-3-REEL Datasheet HTML 7Page - Analog Devices ADP3309ART-3-REEL Datasheet HTML 8Page - Analog Devices ADP3309ART-3-REEL Datasheet HTML 9Page - Analog Devices ADP3309ART-3-REEL Datasheet HTML 10Page - Analog Devices ADP3309ART-3-REEL Datasheet HTML 11Page - Analog Devices ADP3309ART-3-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP3309
Rev. C | Page 10 of 12
APPLICATION INFORMATION
CAPACITOR SELECTION: anyCAP
Output Capacitors: As with any micropower device, output
transient response is a function of the output capacitance. The
ADP3309 is stable with a wide range of capacitor values, types,
and ESR (anyCAP). A capacitor as low as 0.47 μF is all that is
needed for stability. However, larger capacitors can be used if
high output current surges are anticipated. The ADP3309 is
stable with extremely low ESR capacitors (ESR ≈ 0), such as
multilayer ceramic capacitors (MLCC) or OSCON.
Input Bypass Capacitor: An input bypass capacitor is not
required. However, for applications where the input source is
high impedance or far from the input pin, a bypass capacitor is
recommended. Connecting a 0.47 μF capacitor from the input
pin (Pin 1) to ground reduces the circuit’s sensitivity to PC
board layout. If a bigger output capacitor is used, the input
capacitor must be 1 μF minimum.
THERMAL OVERLOAD PROTECTION
The ADP3309 is protected against damage due to excessive
power dissipation by its thermal overload protection circuit,
which limits the die temperature to a maximum of 165°C.
Under extreme conditions (that is, high ambient temperature
and power dissipation) where die temperature starts to rise
above 165°C, the output current is reduced until the die
temperature has dropped to a safe level. The output current is
restored when the die temperature is reduced.
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For normal
operation, device power dissipation should be externally limited
so that junction temperatures do not exceed 125°C.
CALCULATING JUNCTION TEMPERATURE
Device power dissipation is calculated as follows:
PD = (VIN – VOUT) ILOAD + (VIN) IGND
where:
ILOAD is the load current.
IGND is the ground current.
VIN is the input voltage.
VOUT is the output voltage.
Assuming ILOAD = 100 mA, IGND = 2 mA, VIN = 5.0 V, and
VOUT = 3.3 V, device power dissipation is
PD = (5.0 − 3.3) 100 mA + 5.0 × 2 mA = 180 mW
ΔT = TJ – TA = PD × θJA = 0.18 × 190 = 34.2°C
With a maximum junction temperature of 125°C, this yields a
maximum ambient temperature of ~90°C.
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATION
Surface-mount components rely on the conductive traces or
pads to transfer heat away from the device. Appropriate PC
board layout techniques should be used to remove heat from
the immediate vicinity of the package.
The following general guidelines will be helpful when designing
a board layout:
1.
PC board traces with larger cross section areas remove
more heat. For optimum results, use PC boards with
thicker copper and/or wider traces.
2.
Increase the surface area exposed to open air so heat can be
removed by convection or forced air flow.
3.
Do not use solder mask or silk screen on the heat
dissipating traces because it increases the junction to
ambient thermal resistance of the package.
SHUTDOWN MODE
Applying a TTL high signal to the shutdown pin or tying it to
the input pin turns the output on. Pulling the shutdown pin
down to a TTL low signal or tying it to ground turns the output
off. In shutdown mode, quiescent current is reduced to less
than 1 μA.
ERROR FLAG DROPOUT DETECTOR
The ADP3309 maintains its output voltage over a wide range of
load, input voltage, and temperature conditions. If the output is
about to lose regulation, for example, by reducing the supply
voltage below the combined regulated output and dropout
voltages, the ERR pin will be activated. The ERR output is an
open collector that will be driven low.
Once set, the ERR or flag’s hysteresis keeps the output low until
a small margin of operating range is restored either by raising
the supply voltage or reducing the load.


Podobny numer części - ADP3309ART-3-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3309ART-3-REEL AD-ADP3309ART-3-REEL Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ART-3-REEL AD-ADP3309ART-3-REEL Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ART-3-REEL AD-ADP3309ART-3-REEL Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ART-3-REEL7 AD-ADP3309ART-3-REEL7 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ART-3-REEL7 AD-ADP3309ART-3-REEL7 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
More results

Podobny opis - ADP3309ART-3-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com