Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL37300P-CD Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL37300P-CD
Szczegółowy opis  PRISM 2.5 11Mbps Wireless Local Area Network PC Card
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37300P-CD Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL37300P-CD Datasheet HTML 1Page - Intersil Corporation ISL37300P-CD Datasheet HTML 2Page - Intersil Corporation ISL37300P-CD Datasheet HTML 3Page - Intersil Corporation ISL37300P-CD Datasheet HTML 4Page - Intersil Corporation ISL37300P-CD Datasheet HTML 5Page - Intersil Corporation ISL37300P-CD Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
1
Absolute Maximum Ratings
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 4.0V (Max)
Storage Temperature (Note 4) . . . . . . . . . . . . . . . . . . -20oC to 85oC
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . .0oC
≤ TA ≤ 70oC
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0V to 3.6V
Caution: These are the absolute maximum ratings for the PC-card product. Exceeding these limits could cause permanent damage to the card.
NOTE:
4. All temperature references refer to ambient conditions.
Electrical Specifications
Test Conditions: Supply Voltage (VCC) = 3.3V, Ambient Temperature (TA) = 25
oC,
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT CONSUMPTION
Initialization Current
ICC
--
-
mA
Average Current
(2% TX; 8% RX; 90% Power Save)
ICC
-
148
-
mA
Continuous Transmit Mode
ICC
-
290
-
mA
Continuous Receive Mode
ICC
Receiving Valid Packets
-
205
-
mA
Current in IEEE802.11 Power Save Mode
ICC
-62
-
mA
PC-CARD LOGIC LEVELS
Input HIGH Voltage
VIH
0.7VCC
-VCC+0.2
V
Input LOW Voltage
VIL
0.0
-
VCC/3
V
Output HIGH Voltage
VOH
Sourcing 1mA
VCC-0.2
VCC
V
Output LOW Voltage
VOL
Sinking 2mA
0
-
0.2
V
Input Leakage Current
IIH or IIL
-10
-
10
µA
PC CARD LOADING CAPACITANCE
Input Capacitance
CIN
--
15
pF
Output Capacitance
COUT
--
15
pF
ENVIRONMENTAL SPECIFICATIONS
Vibration
Vib
10 to 2000Hz, VCC = 0
-
-
15
G
Shock
Shock
-
-
50
G
Drop
Drop
-
-
75
cm
Torque
T
10o Max
-
-
1.236
N-m
ESD
ESD
Non-Operating
-
-
1500
V
X-RAY
X-RAY
-
-
10
Roentgen
UV
UV
Wavelength 254nm
-
-
15K
µW/cm2
Humidity
RH
Method 106E Mil-Std 202
-
-
98
%
EMI
EMI
-
-
1K
Oersted
RF SYSTEM SPECIFICATIONS
Transmitter Power Output
Pout
Using Murata probe
(MXGS83RK3000) at J1 and series
blocking capacitor
-16
-
dBm
EIRP
EIRP
@ -30 dB 1st Sidelobes
-
18.7
-
dBm
ISL37300P-EVAL


Podobny numer części - ISL37300P-CD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ice Components, Ins.
ISL37-220 ICE-ISL37-220 Datasheet
317Kb / 2P
   SMT Power Inductor
ISL37-220 ICE-ISL37-220 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISL37-291 ICE-ISL37-291 Datasheet
317Kb / 2P
   SMT Power Inductor
ISL37-291 ICE-ISL37-291 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8 Datasheet
317Kb / 2P
   SMT Power Inductor
More results

Podobny opis - ISL37300P-CD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
   PRISM 11Mbps Wireless Local Area Network Access Point
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
   PRISM 54Mbps Wireless Local Area Network Access Point
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com