Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1522-E1-E Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części 2SK1522-E1-E
Szczegółowy opis  500V - 50A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1522-E1-E Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  2SK1522-E1-E_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK1522-E1-E_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1522-E1-E
Preliminary
R07DS1195EJ0200 Rev.2.00
Page 3 of 6
Mar 26, 2014
Main Characteristics
1000
1000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
1
100
10
1
0.1
10
100
100
820
Drain to Source Voltage VDS (V)
Typical Output Characteristics
80
20
0
412
16
0
40
60
VGS = 4 V
8 V
10 V
6 V
5.5 V
5 V
4.5 V
100
410
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
80
20
0
26
8
0
40
60
VDS = 20 V
Pulse Test
Ta = 75
°C
–25
°C
25
°C
1
Drain Current ID (A)
Static Drain to Source on State
Resistance vs. Drain Current (Typical)
0.1
0.01
10
100
1000
Tc = 25
°C
1 shot
Operation in this
area is limited by
RDS(on)
10
μs
PW
=
100
μs
Ta = 25
°C
Pulse Test
VGS = 10 V
Ta = 25
°C
Pulse Test
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
−25
0
50
25
75
100 125 150
VGS = 10 V
Pulse Test
0.5
0.4
0.1
0
0.2
0.3
ID = 50 A
10 A, 20 A
1
10
100
1000
100
10
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
di/dt = 100 A/
μs
VGS = 0, Ta = 25°C


Podobny numer części - 2SK1522-E1-E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK1522-E1-ET2 RENESAS-2SK1522-E1-ET2 Datasheet
246Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Feb.4.2022
More results

Podobny opis - 2SK1522-E1-E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E_15 Datasheet
138Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E Datasheet
254Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Nov.4.2021
2SK1522-E1-E RENESAS-2SK1522-E1-E Datasheet
246Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Feb.4.2022
2SK3159 RENESAS-2SK3159_16 Datasheet
272Kb / 8P
   150V - 50A - MOS FET High Speed Power Switching
2SK1521-E1-E RENESAS-2SK1521-E1-E Datasheet
259Kb / 7P
   450V - 50A - MOS FET High Speed Power Switching
Rev.3.00 Mar 26, 2014
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0_15 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0_15 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com