Zakładka z wyszukiwarką danych komponentów |
|
SI2341DS-HF Arkusz danych(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
|
SI2341DS-HF Arkusz danych(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
2 / 5 page SMD Type www.kexin.com.cn 2 MOSFET ■ Electrical Characteristics Ta = 25℃ Parameter Symbol Test Conditions Min Typ Max Unit Drain-Source Breakdown Voltage VDSS ID=-250μA, VGS=0V -30 V VDS=-24V, VGS=0V -1 VDS=-24V, VGS=0V, TJ=55℃ -10 Gate-Body leakage current IGSS VDS=0V, VGS=±20V ± 100 nA Gate Threshold Voltage VGS(th) VDS=VGS ID=-250μA -1 -3 V VGS=-10V, ID=-2.8A 72 VGS=-4.5 V, ID=-2.0A 120 On state drain current *1 ID(ON) VGS=-10V, VDS=-5V -6 A Forward Transconductance *1 gFS VDS=-5V, ID=-2.8A 8.0 S Input Capacitance Ciss 400 Output Capacitance Coss 95 Reverse Transfer Capacitance Crss 70 Total Gate Charge Qg 9.5 15 Gate Source Charge Qgs 1.5 Gate Drain Charge Qgd 2.5 Turn-On DelayTime td(on) 7 15 Turn-On Rise Time tr 15 25 Turn-Off DelayTime td(off) 20 30 Turn-Off Fall Time tf 20 30 5 sec -0.75 A Steady State -0.6 Diode Forward Voltage VSD IS=-0.75A,VGS=0V -0.8 -1.2 V Maximum Body-Diode Continuous Current IS Zero Gate Voltage Drain Current IDSS μ A mΩ RDS(On) Static Drain-Source On-Resistance *1 pF nC VGS=-4.5V, VDS=-15V, RL=15Ω,RGEN=6Ω ID=-1.0 A VGS=0V, VDS=-15V, f=1MHz ns VGS=-10V, VDS=-15V, ID=-2.8A *1Pulse test: PW ≤ 300us duty cycle ≤ 2%. ■ Marking Marking F1* F P-Channel MOSFET SI2341DS-HF (KI2341DS-HF) |
Podobny numer części - SI2341DS-HF |
|
Podobny opis - SI2341DS-HF |