Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43110IB-T Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL43110IB-T
Szczegółowy opis  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43110IB-T Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL43110IB-T Datasheet HTML 3Page - Intersil Corporation ISL43110IB-T Datasheet HTML 4Page - Intersil Corporation ISL43110IB-T Datasheet HTML 5Page - Intersil Corporation ISL43110IB-T Datasheet HTML 6Page - Intersil Corporation ISL43110IB-T Datasheet HTML 7Page - Intersil Corporation ISL43110IB-T Datasheet HTML 8Page - Intersil Corporation ISL43110IB-T Datasheet HTML 9Page - Intersil Corporation ISL43110IB-T Datasheet HTML 10Page - Intersil Corporation ISL43110IB-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Detailed Description
The ISL43110 and ISL43111 analog switches offer precise
switching capability from a single 2.4V to 12V supply with
low on-resistance and high speed operation. The devices
are especially well suited to portable battery powered
equipment thanks to the low operating supply voltage (2.4V),
low power consumption (5
µW), low leakage currents (1nA
max), and the tiny SOT-23 packaging. High frequency
applications also benefit from the wide bandwidth, and the
very high off isolation.
Supply Sequencing And Overvoltage Protection
As with any CMOS device, proper power supply sequencing
is required to protect the device from excessive input
currents which might permanently damage the IC. All I/O
pins contain ESD protection diodes from the pin to V+ and to
GND (see Figure 6). To prevent forward biasing these
diodes, V+ must be applied before any input signals, and
input signal voltages must remain between V+ and GND. If
these conditions cannot be guaranteed, then one of the
following two protection methods should be employed.
Logic inputs can easily be protected by adding a 1k
resistor in series with the input (see Figure 6). The resistor
limits the input current below the threshold that produces
permanent damage, and the sub-microamp input current
produces an insignificant voltage drop during normal
operation.
Adding a series resistor to the switch input defeats the
purpose of using a low RON switch, so two small signal
diodes can be added in series with the supply pins to provide
overvoltage protection for all pins (see Figure 6). These
additional diodes limit the analog signal from 1V below V+ to
1V above GND. The low leakage current performance is
unaffected by this approach, but the switch resistance may
increase, especially at low supply voltages.
Power-Supply Considerations
The ISL4311X construction is typical of most CMOS analog
switches, except that there are only two supply pins: V+ and
GND. Unlike switches with a 13V maximum supply voltage,
the ISL4311X 15V maximum supply voltage provides plenty
of room for the 10% tolerance of 12V supplies, as well as
room for overshoot and noise spikes.
The minimum recommended supply voltage is 2.4V. It is
important to note that the input signal range, switching times,
and on-resistance degrade at lower supply voltages. Refer
FIGURE 5. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
V+
GND
NO or NC
COM
IN
IMPEDANCE
ANALYZER
0V or V+
FIGURE 6. OVERVOLTAGE PROTECTION
GND
VCOM
VNO or NC
OPTIONAL PROTECTION
V+
IN
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
ISL43110, ISL43111


Podobny numer części - ISL43110IB-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43110IB-T INTERSIL-ISL43110IB-T Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
More results

Podobny opis - ISL43110IB-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com