Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43122 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL43122
Szczegółowy opis  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43122 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL43122 Datasheet HTML 5Page - Intersil Corporation ISL43122 Datasheet HTML 6Page - Intersil Corporation ISL43122 Datasheet HTML 7Page - Intersil Corporation ISL43122 Datasheet HTML 8Page - Intersil Corporation ISL43122 Datasheet HTML 9Page - Intersil Corporation ISL43122 Datasheet HTML 10Page - Intersil Corporation ISL43122 Datasheet HTML 11Page - Intersil Corporation ISL43122 Datasheet HTML 12Page - Intersil Corporation ISL43122 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FIGURE 11. RON MATCH vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 13. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN - OFF TIME vs SUPPLY VOLTAGE
FIGURE 15. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 16. FREQUENCY RESPONSE
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
-40oC
VCOM (V)
0.1
0
0
4
6
8
10
12
0.05
0.15
2
V+ = 3.3V
V+ = 5V
V+ = 12V
25oC
-40oC
85oC
0.1
0.05
0.15
0
0.2
0.25
25oC
-40oC
85oC
0.2
0.1
0.3
0
0.4
0.5
25oC
-40oC
85oC
85oC
25oC
VCOM (V)
60
40
20
0
-20
0
468
10
12
-10
10
30
50
V+ = 3.3V
2
V+ = 5V
V+ = 12V
V+ (V)
100
80
60
40
20
23456789
10
11
12
30
50
70
90
-40oC
25oC
85oC
V+ (V)
35
30
25
20
15
23456789
10
11
12
25oC
-40oC
85oC
-40oC
V+ (V)
25
3.0
2.5
2.0
1.5
1.0
0.5
34
6789
10
11
12
13
-40oC
85oC
25oC
-40oC
85oC
VINH
VINL
85oC
25oC
FREQUENCY (MHz)
0
-3
-6
GAIN
PHASE
V+ = 3.3V to 12V
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2.5VP-P (V+ = 3.3V)
VIN = 0.2VP-P to 4VP-P (V+ = 5V)
VIN = 0.2VP-P to 5VP-P (V+ = 12V)
RL = 50Ω
ISL43120, ISL43121, ISL43122, ISL43210


Podobny numer części - ISL43122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43122 INTERSIL-ISL43122 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43122 INTERSIL-ISL43122 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43122 INTERSIL-ISL43122 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43122 RENESAS-ISL43122 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43122 INTERSIL-ISL43122 Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results

Podobny opis - ISL43122

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com