Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43231IR Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL43231IR
Szczegółowy opis  Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43231IR Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL43231IR Datasheet HTML 1Page - Intersil Corporation ISL43231IR Datasheet HTML 2Page - Intersil Corporation ISL43231IR Datasheet HTML 3Page - Intersil Corporation ISL43231IR Datasheet HTML 4Page - Intersil Corporation ISL43231IR Datasheet HTML 5Page - Intersil Corporation ISL43231IR Datasheet HTML 6Page - Intersil Corporation ISL43231IR Datasheet HTML 7Page - Intersil Corporation ISL43231IR Datasheet HTML 8Page - Intersil Corporation ISL43231IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Pinout
ISL43231 (QFN)
TOP VIEW
NOA
COMA
NCA
EN
EN
COMC
NOC
NCC
ADDC
ADDB
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
Truth Table
ISL43231
LE
EN
EN
ADDC ADDB ADDA
SWITCH ON
0
1
0
X
X
X
Last Switches
Selected
X
0
XXXX
NONE
XX
1
XXX
NONE
110
X
X
0
NCA
110
X
X
1
NOA
110
X
0
X
NCB
110
X
1
X
NOB
1100
X
X
NCC
1101
X
X
NOC
NOTE:
Logic “0”
≤0.8V. Logic “1” ≥2.4V, with V+ between 2.7V and
10V.
X = Don’t Care.
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG. DWG. #
ISL43231IR (741I)
-40 to 85
20 Ld QFN
L20.4x4
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for
Single Supply Configurations.
GND
Ground Connection
EN
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
EN
Digital Control Input. Connect to V+ for Normal
Operation. Connect to GND to turn all switches off.
LE
Digital Control Input. Connect to +V for Normal
Operation. Connect to GND to latch the last switch state.
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
ADD
Address Input Pin
N.C.
No Internal Connection
ISL43231


Podobny numer części - ISL43231IR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43231IR INTERSIL-ISL43231IR Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43231IRZ INTERSIL-ISL43231IRZ Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL43231IRZ RENESAS-ISL43231IRZ Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
More results

Podobny opis - ISL43231IR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231_06 Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com