Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5217 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL5217
Szczegółowy opis  Quad Programmable Up Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5217 Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL5217 Datasheet HTML 1Page - Intersil Corporation ISL5217 Datasheet HTML 2Page - Intersil Corporation ISL5217 Datasheet HTML 3Page - Intersil Corporation ISL5217 Datasheet HTML 4Page - Intersil Corporation ISL5217 Datasheet HTML 5Page - Intersil Corporation ISL5217 Datasheet HTML 6Page - Intersil Corporation ISL5217 Datasheet HTML 7Page - Intersil Corporation ISL5217 Datasheet HTML 8Page - Intersil Corporation ISL5217 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Functional Block Diagram
P<15:0>
RESET
CLK
A<6:0>
WR
RD
CS
RDMODE
OFFBIN
OUTEN<1:0>
TRITST
SDB
SDC
SDD
SDA
SCLKB
SCLKC
SCLKD
SCLKA
FSRB
FSRC
FSRD
TXENB
TXENC
TXEND
TXENA
UPDB
UPDC
UPDD
UPDA
SYNCO
UPROCESSOR
ISTRB
IOUT<19:0>
QOUT<19:0>
IIN<19:0>
QIN<19:0>
TDI
TCK
TRST
TMS
TDO
JTAG
ISL5217
DEVICE
CHANNEL
RESET
OUTPUTMODE<1:0>
I_STROBE_EN
ISTROBEPOLARITY
OUTPUTMODE2X
CASCADE_IN_ENABLE
CASCADE_DELAY<1:0>
SERIAL
INTERFACE
CHANNEL 0
INTERFACE
INTERFACE
UP
FM
MOD.
SHAPING
FILTER
SAMPLE
NCO
CARRIER
NCO
MIXER
I FIFO
Q FIFO
I IN<15:0>
Q IN<15:0>
I IN<15:0>
Q IN<15:0>
I FM
Q FM
I SF
SR<47:0>
FID<31:0>
INTPL PHASES<1:0>
PHASE OFFSET<1:0>
MOD. TYPE <1:0>
FINE
COARSE
CARRIER FREQUENCY<31:0>
CARRIER PHASE<15:0>
21
21
COMPLEX
GAIN<11:0>
GAIN PROFILE LENGTH<6:0>
I<21:0>
Q<21:0>
CHANNEL 1
CHANNEL 2
CHANNEL 3
ROUTEBUS<15:0>
ISTROBEUPDATE
FSRA
AND TIMING
SUMMER
4 INPUT
OUTPUT_EN
CH_ENABLE<0>
DUALQUADMODE (CH0 AND CH2 ONLY)
I<21:0>
Q<21:0>
CH_EN<2>
I<21:0>
Q<21:0>
CH_EN<3>
I<21:0>
Q<21:0>
CH_EN<1>
TRITST_ENABLE_BUS<7:0>
CONTROL
OUTPUT
1
SUMMER
4 INPUT
2
SUMMER
4 INPUT
3
SUMMER
4 INPUT
4
SER._PAR.
BAND
HALF
20
20
/
/
/
/
/
/
/
/
/
18
20
16
16
18
BYPASS
PHASE<3:0>
PHASE<11:0>
/
/
CONTROL
ROUTING


Podobny numer części - ISL5217

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5217 INTERSIL-ISL5217 Datasheet
795Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217EVAL1 INTERSIL-ISL5217EVAL1 Datasheet
795Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217EVAL1 RENESAS-ISL5217EVAL1 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217KI INTERSIL-ISL5217KI Datasheet
795Kb / 43P
   Quad Programmable Up Converter
More results

Podobny opis - ISL5217

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217 INTERSIL-ISL5217_05 Datasheet
795Kb / 43P
   Quad Programmable Up Converter
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
   12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565_10 Datasheet
211Kb / 19P
   Quad power amplifier with integrated step-up converter
logo
ams AG
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com