Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5239KIZ Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL5239KIZ
Szczegółowy opis  Pre-Distortion Linearizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5239KIZ Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL5239KIZ Datasheet HTML 4Page - Intersil Corporation ISL5239KIZ Datasheet HTML 5Page - Intersil Corporation ISL5239KIZ Datasheet HTML 6Page - Intersil Corporation ISL5239KIZ Datasheet HTML 7Page - Intersil Corporation ISL5239KIZ Datasheet HTML 8Page - Intersil Corporation ISL5239KIZ Datasheet HTML 9Page - Intersil Corporation ISL5239KIZ Datasheet HTML 10Page - Intersil Corporation ISL5239KIZ Datasheet HTML 11Page - Intersil Corporation ISL5239KIZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
pre-distorter. The pre-distorter block diagram is shown in
Figure 4.
Serial Interface
The serial interface for the external memory effects
calculation consists of outputs SERCLK, SERSYNC, and
SEROUT and input SERIN. The serial output sends the 32-
bit unsigned average power off-chip for further processing.
The data is transmitted via the SEROUT pin MSB first, with
the first bit marked by a high pulse on the SERSYNC pin.
The SERCLK rate is scaled such that 32 bits are transmitted
in one period of the power integrator as controlled by register
0x18 bits 5:4. SEROUT is enabled by register 0x18 bit 12.
The SERIN receives the thermal compensation parameters
from external processing using the same SERCLK and
SERSYNC used by the SEROUT. The chip expects to
receive 32 bits of data sequentially on the SERIN pin: the
MSB of A, followed by the rest of A, then the MSB of B,
followed by the rest of B. The SERIN is enabled by register
0x18 bit 8. When SERIN is disabled, registers 0x19 and
0x1a supply the A and B parameters for the thermal
compensation calculations. See Figure 16 for a detailed
timing diagram of the serial interface.
IF Converter (IFC)
The output of the pre-distorter is a complex baseband signal
sampled at the system CLK rate. To provide greater system
flexibility, the IF Converter function can change this in one of
three different ways, providing frequency shifts, sample rate
changes and complex to real conversions.
Real 1X
The real 1x operating mode shifts the signal up by Fs/4 and
performs a complex to real conversion without changing the
base sample rate. This mode has 1/2 the bandwidth of the
original input signal, with the I output channel active and the
Q output channel set to 0. The operation of the IF converter
in this mode is shown in Figure 5.
Real 2X
The real 2x operating mode converts complex to real at 2x
the sample rate and shifts the signal up to Fs/2 (Fs/4 of the
output rate). This mode has the same bandwidth as the
original signal with the I channel carrying the first of twwo
samples/clock and the Q channel carrying the second
sample. The operation of the IF Converter in this mode is
shown in Figure 6.
FIGURE 4. PRE-DISTORTER BLOCK DIAGRAM
Q
I
BYPASS
FROM
IFIP
Q
I
CM TEST
Q
I
MEMORY
FUNC. SEL.
OFFSET
SCALE
POWER
LUT
PWR INTGR PER.
PAR. TO SERIAL
SER. OUTPUT EN.
EFFECTS
FPGA
LUT DATA I
LUT DATA Q
LUT DELTA DATA I
EXTERNAL
ADDR
LUT DELTA DATA Q
ACTIVE LUT
LUT ADDR
LUT ADDR AUTO INCR.
POWER
PWR LOW
PWR HIGH
PD MAG.
INTEGRATOR
SERCLK
SERSYNC
SEROUT
SERIAL TO PAR.
SERIAL INPUT EN.
COEF. A
COEF. B
MEMORY EFFECT
COMPENSATION
DATA
LUT
ADDRESS
CALCULATION
COEF. B SELECT
TEST
FIGURE 5. IF CONVERTER IN REAL 1X MODE OPERATION
Q
I
FROM
PD
HALF
ej(pi/2)(n)
BAND
FILTER
Re{*}
I
BYPASS
FIGURE 6. IF CONVERTER IN REAL 2X MODE OPERATION
Q
I
FROM
PD
HALF
ej(pi/2)(n)
BAND
FILTER
Re{*}
2
Z-1
2
2
2
Q
I
BYPASS
ISL5239


Podobny numer części - ISL5239KIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
More results

Podobny opis - ISL5239KIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
WH9A ETC1-WH9A Datasheet
105Kb / 2P
   Linearizer
logo
Linear Technology
DC1642 LINER-DC1642_15 Datasheet
108Kb / 1P
   PRE DISTORTION RECEIVER CLVOS OUTPUT
LTM9003 LINER-LTM9003 Datasheet
382Kb / 24P
   12-Bit Digital Pre-Distortion Receiver Subsystem
logo
Texas Instruments
GC5322IZND TI1-GC5322IZND Datasheet
395Kb / 4P
[Old version datasheet]   Wideband Digital Pre-Distortion Transmit IC Solution
logo
Linear Technology
LTM9003 LINER-LTM9003_15 Datasheet
442Kb / 24P
   12-Bit Digital Pre-Distortion Module Receiver Subsystem
logo
Tyco Electronics
LG1 MACOM-LG1 Datasheet
65Kb / 1P
   TO-8 THIN-FILM LINEARIZER
logo
M/A-COM Technology Solu...
LG1-SMLG1 MA-COM-LG1-SMLG1_15 Datasheet
153Kb / 3P
   TO-8 Thin-Film Linearizer
LG1_SMLG1 MA-COM-LG1_SMLG1 Datasheet
153Kb / 3P
   TO-8 Thin-Film Linearizer
LG1 MA-COM-LG1 Datasheet
153Kb / 3P
   TO-8 Thin-Film Linearizer
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com