Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5571A Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL5571A
Szczegółowy opis  Access High Voltage Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5571A Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL5571A Datasheet HTML 2Page - Intersil Corporation ISL5571A Datasheet HTML 3Page - Intersil Corporation ISL5571A Datasheet HTML 4Page - Intersil Corporation ISL5571A Datasheet HTML 5Page - Intersil Corporation ISL5571A Datasheet HTML 6Page - Intersil Corporation ISL5571A Datasheet HTML 7Page - Intersil Corporation ISL5571A Datasheet HTML 8Page - Intersil Corporation ISL5571A Datasheet HTML 9Page - Intersil Corporation ISL5571A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Pinout
ISL5571A
TOP VIEW
TABLE 8. PIN DESCRIPTIONS - ISL5571A
PIN
NO.
PIN
NAME
DESCRIPTION
PIN
NO.
PIN
NAME
DESCRIPTION
1FGND
Fault Ground. Internally, this pin is electrically isolated
from DGND.
16
VBAT
Battery Voltage. Used as a reference for
protection circuit. Provides Trigger
current for the protection SCR.
2TBAT
Connect to TIP on SLIC side.
15
RBAT
Connect to RING on SLIC side.
3TLINE
Connect to TIP on line or phone side.
14
RLINE
Connect to RING on line or phone side.
4
NC
No Connection.
13
NC
No Connection.
5
NC
No Connection.
12
RRING
Connect to ringing generator.
6TRING
Connect to Return Ground for Ringing Generator.
11
LATCH
Logic State Latch Control, active-high,
transparent low.
7VDD
+5V supply.
10
INPUT
Logic Level Input Switch Control.
8TSD
Temperature Shutdown Pin. Can be used as a logic level
input or output. See Truth Table. As an output, will read
+5V when device is in its operational mode and 0V in the
thermal shutdown mode. In the ISL5571A, the thermal
shutdown mechanism cannot be disabled.
9DGND
Digital Ground. Internally, this pin is
electrically isolated from FGND.
FIGURE 1. APPLICATION CIRCUIT
CROWBAR
PROTECTION
RING
TIP
R1
SLIC
SCR
TIP LINE BREAK
RING LINE BREAK
TBAT
RING
RETURN
RING
ACCESS
SW3
SW1
SW2
SW4
CONTROL LOGIC
RBAT
FGND
TRING
RRING
TSD
16
1
14
12
11
10
8
7
6
2
3
INPUT
LATCH
VDD
VBAT
RLINE
TLINE
15
9
R2
BATTERY
RING
GENERATOR
+ 5 VDC
- 48 VDC
DGND
EXTERNAL
TIP
RING
RRLY
D1
D2
D3
D4
RGEN
TLINE EXTERNAL PROTECTOR MAXIMUM
VOLTAGE PRIOR TO SWITCHING TO THE
ON STATE SHOULD NOT EXCEED 130V.
RLINE EXTERNAL PROTECTOR MAXIMUM
VOLTAGE PRIOR TO SWITCHING TO
THE ON STATE SHOULD NOT EXCEED 220V.
VBAT
GND
ISL5571A


Podobny numer części - ISL5571A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
183Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571AIB INTERSIL-ISL5571AIB Datasheet
183Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571AIB RENESAS-ISL5571AIB Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571AIBZ INTERSIL-ISL5571AIBZ Datasheet
183Kb / 12P
   Access High Voltage Switch
More results

Podobny opis - ISL5571A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A_04 Datasheet
183Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com