Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3339 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADP3339
Szczegółowy opis  High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3339 Arkusz danych(HTML) 2 Page - Analog Devices

  ADP3339_15 Datasheet HTML 1Page - Analog Devices ADP3339_15 Datasheet HTML 2Page - Analog Devices ADP3339_15 Datasheet HTML 3Page - Analog Devices ADP3339_15 Datasheet HTML 4Page - Analog Devices ADP3339_15 Datasheet HTML 5Page - Analog Devices ADP3339_15 Datasheet HTML 6Page - Analog Devices ADP3339_15 Datasheet HTML 7Page - Analog Devices ADP3339_15 Datasheet HTML 8Page - Analog Devices ADP3339_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADP3339
Data Sheet
Rev. C | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions............................. 5
 
Typical Performance Characteristics ............................................. 6
 
Theory of Operation .........................................................................9
 
Applications Information .............................................................. 10
 
Capacitor Selection .................................................................... 10
 
Output Current Limit ................................................................ 10
 
Thermal Overload Protection .................................................. 10
 
Calculating Power Dissipation ................................................. 10
 
Printed Circuit Board Layout Considerations ....................... 10
 
Outline Dimensions ....................................................................... 11
 
Ordering Guide .......................................................................... 11
 
REVISION HISTORY
8/11—Rev. B to Rev. C
Changes to Ordering Guide .......................................................... 11
4/11—Rev. A to Rev. B
Change to Features Section ............................................................. 1
Changed IL to ILOAD Throughout ..................................................... 3
Updated Outline Dimensions ....................................................... 11
Changes to Ordering Guide .......................................................... 11
6/04—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Changes to Table 1............................................................................ 3
Changes to Thermal Overload Protection Section .................... 10
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 12
10/01—Revision 0: Initial Version


Podobny numer części - ADP3339_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3339AKC-1.5-RL AD-ADP3339AKC-1.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-1.5-RL AD-ADP3339AKC-1.5-RL Datasheet
345Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. A
ADP3339AKC-1.5-RL AD-ADP3339AKC-1.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-1.5-RL AD-ADP3339AKC-1.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-1.5-RL AD-ADP3339AKC-1.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
More results

Podobny opis - ADP3339_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5-RL7 AD-ADP3339AKC-2.5-RL7 Datasheet
345Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. A
ADP3339AKC-3.3 AD-ADP3339AKC-3.3 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.8-RL AD-ADP3339AKCZ-1.8-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5 AD-ADP3339AKC-2.5 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-5-RL7 AD-ADP3339AKC-5-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com