Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL56402IN Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL56402IN
Szczegółowy opis  3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL56402IN Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL56402IN Datasheet HTML 1Page - Intersil Corporation ISL56402IN Datasheet HTML 2Page - Intersil Corporation ISL56402IN Datasheet HTML 3Page - Intersil Corporation ISL56402IN Datasheet HTML 4Page - Intersil Corporation ISL56402IN Datasheet HTML 5Page - Intersil Corporation ISL56402IN Datasheet HTML 6Page - Intersil Corporation ISL56402IN Datasheet HTML 7Page - Intersil Corporation ISL56402IN Datasheet HTML 8Page - Intersil Corporation ISL56402IN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3-5
Absolute Maximum Ratings TA = 25oC
Thermal Information
Supply Voltage, AVCC or DVCC to AGND or DGND . . . . . . . . . . .4V
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3V
Digital I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND to DVCC
Analog I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND to AVCC
Operating Conditions
Temperature Range
ISL5640IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
ISL5640IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
AVDD =DVDD = +3.3V; VIN = 1.50V; fS = 40MSPS at 50% Duty Cycle;
CL = 10pF; TA = 25
oC; Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Resolution
8
-
-
Bits
Integral Linearity Error, INL
fIN = 1MHz
-
0.5
-
LSB
Differential Linearity Error, DNL
(Guaranteed No Missing Codes)
fIN = 1MHz
-
±0.2
±1.0
LSB
Offset Error, VOS
fIN = DC
-10
-
+10
LSB
Full Scale Error, FSE
fIN = DC
-
1
-
LSB
DYNAMIC CHARACTERISTICS
Minimum Conversion Rate
No Missing Codes
-
-
-
MSPS
Maximum Conversion Rate
No Missing Codes
40
-
-
MSPS
Effective Number of Bits, ENOB
fIN = 1MHz
-
7.5
-
Bits
Signal to Noise and Distortion Ratio, SINAD
fIN = 1MHz
-
46
-
dB
Signal to Noise Ratio, SNR
fIN = 10MHz
-
47
-
dB
Total Harmonic Distortion, THD
fIN = 10MHz
-
-53
-
dBc
2nd Harmonic Distortion
fIN = 10MHz
-
-54
-
dBc
3rd Harmonic Distortion
fIN = 10MHz
-
-70
-
dBc
Spurious Free Dynamic Range, SFDR
fIN = 10MHz
-
54
-
dBc
Intermodulation Distortion, IMD
f1 = 1MHz, f2 = 1.02MHz
-
-
-
dBc
I/Q Channel Crosstalk
-
-
-
dBc
I/Q Channel Offset Match
-
-
-
LSB
I/Q Channel Full Scale Error Match
-
-
-
LSB
Transient Response
(Note 2)
-
-
-
Cycle
Over-Voltage Recovery
0.2V Overdrive (Note 2)
-
-
-
Cycle
ANALOG INPUT
Maximum Peak-to-Peak Single-Ended
Analog Input Range
-
1.0
-
V
Analog Input Resistance, RINA or RINB
VINA, VINB = VREF, DC
-
-
-
M
Analog Input Capacitance, CINA or CINB
VINA, VINB = 1.5V, DC
-
-
-
pF
RMS Signal
RMS Noise + Distortion
--------------------------------------------------------------
=
RMS Signal
RMS Noise
-------------------------------
=
ISL5640


Podobny numer części - ISL56402IN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL5627EVAL1 INTERSIL-ISL5627EVAL1 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627IN INTERSIL-ISL5627IN Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
More results

Podobny opis - ISL56402IN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5740 INTERSIL-ISL5740 Datasheet
97Kb / 12P
   3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com