Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5761 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL5761
Szczegółowy opis  10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5761 Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL5761 Datasheet HTML 3Page - Intersil Corporation ISL5761 Datasheet HTML 4Page - Intersil Corporation ISL5761 Datasheet HTML 5Page - Intersil Corporation ISL5761 Datasheet HTML 6Page - Intersil Corporation ISL5761 Datasheet HTML 7Page - Intersil Corporation ISL5761 Datasheet HTML 8Page - Intersil Corporation ISL5761 Datasheet HTML 9Page - Intersil Corporation ISL5761 Datasheet HTML 10Page - Intersil Corporation ISL5761 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Typical Performance (+3.3V Supply, Using Figure 13 with RDIFF = 100Ω and RLOAD= 50Ω)
FIGURE 1. EDGE AT 11MHz, 78MSPS CLOCK
(83+dBc @ ∆f = +6MHz)
FIGURE 2. EDGE AT 11MHz, 78MSPS CLOCK (75dBc -
NYQUIST, 6dB PAD)
FIGURE 3. GSM AT 11MHz, 78MSPS CLOCK
(86+dBc @ ∆f = +6MHz, 3dB PAD)
FIGURE 4. GSM AT 11MHz, 78MSPS CLOCK (78dBc -
NYQUIST, 9dB PAD)
FIGURE 5. FOUR EDGE CARRIERS AT 12.4-15.6MHz, 800kHz
SPACING, 78MSPS (67dBc - 20MHz WINDOW)
FIGURE 6. FOUR GSM CARRIERS AT 12.4-15.6MHz, 78MSPS
(71dBc - 20MHz WINDOW, 6dB PAD)
SPECTRAL MASK FOR
GSM900/DCS1800/PCS1900
P>43dBm NORMAL BTS
WITH 30kHz RBW
SPECTRAL MASK FOR
GSM900/DCS1800/PCS1900
P>43dBm NORMAL BTS
WITH 30kHz RBW
ISL5761


Podobny numer części - ISL5761

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5761 INTERSIL-ISL5761 Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761 INTERSIL-ISL5761 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5761 INTERSIL-ISL5761 Datasheet
636Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
ISL5761/2IA INTERSIL-ISL5761/2IA Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results

Podobny opis - ISL5761

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
   Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5861 INTERSIL-ISL5861 Datasheet
906Kb / 13P
   12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
logo
Renesas Technology Corp
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5729 RENESAS-ISL5729 Datasheet
932Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com