Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR318 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADR318
Szczegółowy opis  Precision Low Drift SOT-23 Voltage Reference with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR318 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADR318_15 Datasheet HTML 4Page - Analog Devices ADR318_15 Datasheet HTML 5Page - Analog Devices ADR318_15 Datasheet HTML 6Page - Analog Devices ADR318_15 Datasheet HTML 7Page - Analog Devices ADR318_15 Datasheet HTML 8Page - Analog Devices ADR318_15 Datasheet HTML 9Page - Analog Devices ADR318_15 Datasheet HTML 10Page - Analog Devices ADR318_15 Datasheet HTML 11Page - Analog Devices ADR318_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADR318
Rev. A | Page 8 of 12
TERMINOLOGY
Temperature Coefficient
Temperature coefficient is the change of output voltage with
respect to operating temperature changes, normalized by the
output voltage at 25°C. This parameter is expressed in ppm/°C,
and can be determined with the following equation:
()
( )
()
()
6
10
C
25
C
ppm
×
×
°
=
⎥⎦
⎢⎣
°
1
2
O
1
O
2
O
O
T
T
V
T
V
T
V
TCV
(1)
where:
VO
(25°C) = VO at 25°C.
VO(T1)
= VO at Temperature 1.
VO(T2)
= VO at Temperature 2.
Long-Term Stability
Long-term stability is the typical shift of output voltage at 25°C
on a sample of parts subjected to a test of 1000 hours at 25°C.
ΔVO = VO(t0) − VO(t1)
[]
()
()
()
6
10
ppm
×
=
Δ
0
O
1
O
0
O
O
t
V
t
V
t
V
V
(2)
where:
VO(t0) = VO at 25°C at Time 0.
VO(t1) = VO at 25°C after 1000 hours of operation at 25°C.
Thermal Hysteresis
Thermal hysteresis is the change of output voltage after the
device is cycled through temperature from +25°C to −40°C to
+125°C and back to +25°C. This is a typical value from a sample
of parts put through such a cycle.
VO_HYS = VO(25°C) − VO_TC
[]
(
)
()
6
_
_
10
C
25
C
25
ppm
×
°
°
=
O
TC
O
O
HYS
O
V
V
V
V
(3)
where:
VO(25°C) = VO at 25°C.
VO_TC = VO at 25°C after temperature cycle at +25°C to −40°C to
+125°C and back to +25°C.


Podobny numer części - ADR318_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR318ARJ-REEL7 AD-ADR318ARJ-REEL7 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
More results

Podobny opis - ADR318_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Analog Devices
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com