Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR381 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADR381
Szczegółowy opis  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR381 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADR381_15 Datasheet HTML 5Page - Analog Devices ADR381_15 Datasheet HTML 6Page - Analog Devices ADR381_15 Datasheet HTML 7Page - Analog Devices ADR381_15 Datasheet HTML 8Page - Analog Devices ADR381_15 Datasheet HTML 9Page - Analog Devices ADR381_15 Datasheet HTML 10Page - Analog Devices ADR381_15 Datasheet HTML 11Page - Analog Devices ADR381_15 Datasheet HTML 12Page - Analog Devices ADR381_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADR380/ADR381
Rev. C | Page 9 of 16
CL = 1nF
TIME (200µs/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
ILOAD = 1mA
2V/DIV
1
2
Figure 20. ADR381 Load Transient Response with CL = 1 nF
CL = 100nF
TIME (200µs/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
ILOAD = 1mA
2V/DIV
1
2
Figure 21. ADR381 Load Transient Response with CL = 100 nF
RL = 500Ω
TIME (200µs/DIV)
2V/DIV
VOUT
VIN
5V/DIV
1
2
Figure 22. ADR381 Turn-On/Turn-Off Response at 5 V
10
100
1k
10k
100k
1M
CL = 40pF
CL = 0.1µF
CL = 1µF
CBYPASS = 0.1µF
FREQUENCY (Hz)
Figure 23. ADR381 Output Impedance vs. Frequency
HOURS
0
–150
–100
–50
50
100
150
CONDITIONS: VIN = 6V IN A CONTROLLED
ENVIRONMENT 50°C ± 1°C
0
100
200
300
400
500
600
700
800
900
1000
Figure 24. ADR380 Long-Term Drift
HOURS
0
–150
–100
–50
50
100
150
CONDITIONS: VIN = 6V IN A CONTROLLED
ENVIRONMENT 50°C ± 1°C
0
100
200
300
400
500
600
700
800
900
1000
Figure 25. ADR381 Long-Term Drift


Podobny numer części - ADR381_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART-R2 AD-ADR381ART-R2 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381ART-REEL AD-ADR381ART-REEL Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381ART-REEL7 AD-ADR381ART-REEL7 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381ARTZ-R2 AD-ADR381ARTZ-R2 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

Podobny opis - ADR381_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com