Zakładka z wyszukiwarką danych komponentów |
|
ISL59292IN Arkusz danych(PDF) 6 Page - Intersil Corporation |
|
ISL59292IN Arkusz danych(HTML) 6 Page - Intersil Corporation |
6 / 13 page 6 AC CHARACTERISTICS (Using Figure 13 with RDIFF = 50Ω and RLOAD = 50Ω, Full Scale Output = -2.5dBm) Spurious Free Dynamic Range, SFDR Within a Window fCLK = 210MSPS, fOUT = 80.8MHz, 30MHz Span (Notes 4, 7) - 73 - dBc fCLK = 210MSPS, fOUT = 40.4MHz, 30MHz Span (Notes 4, 7) - 80 - dBc fCLK = 130MSPS, fOUT = 20.2MHz, 20MHz Span (Notes 4, 7) - 86 - dBc Spurious Free Dynamic Range, SFDR to Nyquist (fCLK/2) fCLK = 210MSPS, fOUT = 80.8MHz (Notes 4, 7) - 56 - dBc fCLK = 210MSPS, fOUT = 40.4MHz (Notes 4, 7, 9) - 67 - dBc fCLK = 200MSPS, fOUT = 20.2MHz, T = 25°C (Notes 4, 7) 62 68 - dBc fCLK = 200MSPS, fOUT = 20.2MHz, T = -40°C to 85°C (Notes 4, 7) 60 - - dBc fCLK = 130MSPS, fOUT = 50.5MHz (Notes 4, 7) - 59 - dBc fCLK = 130MSPS, fOUT = 40.4MHz (Notes 4, 7) - 63 - dBc fCLK = 130MSPS, fOUT = 20.2MHz (Notes 4, 7) - 70 - dBc fCLK = 130MSPS, fOUT = 10.1MHz , T = -40°C to 85°C (Notes 4, 7) 70 75 - dBc fCLK = 130MSPS, fOUT = 5.05MHz, (Notes 4, 7) - 79 - dBc fCLK = 100MSPS, fOUT = 40.4MHz (Notes 4, 7) - 61 - dBc fCLK = 80MSPS, fOUT = 30.3MHz (Notes 4, 7) - 64 - dBc fCLK = 80MSPS, fOUT = 20.2MHz (Notes 4, 7) - 71 - dBc fCLK = 80MSPS, fOUT = 10.1MHz (Notes 4, 7, 9) - 75 - dBc fCLK = 80MSPS, fOUT = 5.05MHz (Notes 4, 7) - 78 - dBc fCLK = 50MSPS, fOUT = 20.2MHz (Notes 4, 7) - 68 - dBc fCLK = 50MSPS, fOUT = 10.1MHz (Notes 4, 7) - 75 - dBc fCLK = 50MSPS, fOUT = 5.05MHz (Notes 4, 7) - 79 - dBc Spurious Free Dynamic Range, SFDR in a Window with Eight Tones fCLK = 210MSPS, fOUT = 28.3MHz to 45.2MHz, 2.1MHz Spacing, 50MHz Span (Notes 4, 7, 9) -65 - dBc fCLK = 130MSPS, fOUT =17.5MHz to 27.9MHz, 1.3MHz Spacing, 35MHz Span (Notes 4, 7) -69 - dBc fCLK = 80MSPS, fOUT = 10.8MHz to 17.2MHz, 811kHz Spacing, 15MHz Span (Notes 4, 7) -76 - dBc fCLK = 50MSPS, fOUT = 6.7MHz to 10.8MHz, 490kHz Spacing, 10MHz Span (Notes 4, 7) -77 - dBc Spurious Free Dynamic Range, SFDR in a Window with EDGE or GSM fCLK = 78MSPS, fOUT = 11MHz, in a 20MHz Window, RBW=30kHz (Notes 4, 7, 9) -94 - dBc Adjacent Channel Power Ratio, ACPR with UMTS fCLK = 76.8MSPS, fOUT = 19.2MHz, RBW=30kHz (Notes 4, 7, 9) - 71 - dB VOLTAGE REFERENCE Internal Reference Voltage, VFSADJ Pin 20 Voltage with Internal Reference 1.2 1.23 1.3 V Internal Reference Voltage Drift - ±40 - ppm/°C Internal Reference Output Current Sink/Source Capability Reference is not intended to drive an external load - 0 - µA Reference Input Impedance -1 - MΩ Reference Input Multiplying Bandwidth (Note 7) - 1.0 - MHz DIGITAL INPUTS D13-D0, CLK Input Logic High Voltage with 3.3V Supply, VIH (Note 3) 2.3 3.3 - V Electrical Specifications AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25°C for All Typical Values (Continued) PARAMETER TEST CONDITIONS TA = -40°C TO 85°C UNITS MIN TYP MAX ISL5929 |
Podobny numer części - ISL59292IN |
|
Podobny opis - ISL59292IN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |