Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6118LIBZA-T Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL6118LIBZA-T
Szczegółowy opis  Dual Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6118LIBZA-T Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL6118LIBZA-T Datasheet HTML 1Page - Intersil Corporation ISL6118LIBZA-T Datasheet HTML 2Page - Intersil Corporation ISL6118LIBZA-T Datasheet HTML 3Page - Intersil Corporation ISL6118LIBZA-T Datasheet HTML 4Page - Intersil Corporation ISL6118LIBZA-T Datasheet HTML 5Page - Intersil Corporation ISL6118LIBZA-T Datasheet HTML 6Page - Intersil Corporation ISL6118LIBZA-T Datasheet HTML 7Page - Intersil Corporation ISL6118LIBZA-T Datasheet HTML 8Page - Intersil Corporation ISL6118LIBZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN9008.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6118
Dual Power Supply Controller
The ISL6118 is a dual channel, fully independent overcurrent
(OC) fault protection IC for the +2.5V to +5.5V environment.
This device features internal current monitoring, accurate
current limiting, integrated power switches and current
limited delay to latch-off for system protection.
The ISL6118 current sense and limiting circuitry sets the
current limit to a nominal 0.6A, which is well suited for the
3.3V AUX ACPI application. The ISL6118 is the ideal
companion chip to the HIP1011D and HIP1011E dual PCI
hot plug controllers. Together these and the ISL6118 fully
control the four legacy PCI voltages (±12V, +3.3V, +5V) and
the 3.3V AUX, respectively, for power control of two PCI
slots compliant to PCI Bus Power Management Interface
Spec Rev 1.1. Designed to be co-located with the HIP1011D
on the motherboard, the ISL6118 provides OC fault
notification, accurate current limiting and a consistent timed
latch-off thus isolating and protecting the voltage bus in the
presence of an OC event or short circuit during all PCI Bus
Power States as defined by the PCI specification. The 12ms
time to latch-off is independent of the adjoining switch’s
electrical or thermal condition and the OC response time is
inversely related to the OC magnitude.
Each ISL6118 incorporates in a single 8-lead SOIC
package two 80m
Ω N-channel MOSFET power switches
for power control. Each switch is driven by a constant
current source giving a controlled ramp up of the output
voltage. This provides a soft start turn-on eliminating bus
voltage drooping caused by inrush current while charging
heavy load capacitances. Independent enabling inputs and
fault reporting outputs for each channel are compatible with
3V and 5V logic to allow external control and monitoring.
The ISL6118 undervoltage (UV) feature prevents turn-on of
the outputs unless the correct ENABLE state and
VIN > 2.5V are present. During initial turn-on the ISL6118
prevents fault reporting by blanking the fault signal. Rising
and falling outputs are current-limited voltage ramps so that
both the inrush current and voltage slew rate are limited,
independent of load. This reduces supply droop due to
surge and eliminates the need for external EMI filters.
During operation, once an OC condition is detected the
appropriate output is current limited for 12ms to allow
transient conditions to pass. If still in current limit after the
current limit period has elapsed, the output is latched off
and the fault is reported by pulling the corresponding
FAULT low. The FAULT signal is latched low until reset by
the ENABLE signal being de-asserted at which time the
FAULT signal will clear.
Features
• 80m
Ω Integrated Power N-Channel MOSFET Switches
• Accurate Current Sensing and Limiting
• 12ms Fault Delay to Latch-Off, No Thermal Dependency
• 2.5V to 5.5V Operating Range
• Disabled Output Internally Pulled Low
• Undervoltage Lockout
• Controlled Turn-On Ramp Time
• Channel Independent Fault Output Signals
• Channel Independent Logic Level Enable High Inputs
(ISL6118H) or Enable Low Inputs (ISL6118L)
• Pb-Free Package Options Available
• Tape & Reel Packing with ‘-T’ Part Number Suffix
Applications
• ACPI 3.3V AUX Control
• Electronic Circuit Limiting and Breaker
Pinout
ISL6118 (SOIC)
TOP VIEW
Ordering Information
PART #
TEMP.
RANGE (°C)
PKG.
PKG.
DWG. #
ISL6118LIB
-40 to 85
8 Ld SOIC
M8.15
ISL6118LIBZA (Note)
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
ISL6118HIB
-40 to 85
8 Ld SOIC
M8.15
ISL6118HIBZA (Note)
-40 to 85
8 Ld SOIC (Pb-free)
M8.15
ISL6118EVAL1
ISL6118 Evaluation Platform
ISL6AHPEVAL1
ACPI (HIP1011D and ISL6118H) Evaluation
Platform
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which is compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J Std-020B.
GND
VIN
ENABLE_1
ENABLE_2
1
2
3
4
8
7
6
5
FAULT_1
OUT_1
OUT_2
FAULT_2
Data Sheet
March 2004


Podobny numer części - ISL6118LIBZA-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL6118LIBZA RENESAS-ISL6118LIBZA Datasheet
638Kb / 10P
   Dual Power Supply Controller
More results

Podobny opis - ISL6118LIBZA-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com