Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6123IRZA Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL6123IRZA
Szczegółowy opis  Single Supply Integrated Current Limiting Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6123IRZA Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL6123IRZA Datasheet HTML 5Page - Intersil Corporation ISL6123IRZA Datasheet HTML 6Page - Intersil Corporation ISL6123IRZA Datasheet HTML 7Page - Intersil Corporation ISL6123IRZA Datasheet HTML 8Page - Intersil Corporation ISL6123IRZA Datasheet HTML 9Page - Intersil Corporation ISL6123IRZA Datasheet HTML 10Page - Intersil Corporation ISL6123IRZA Datasheet HTML 11Page - Intersil Corporation ISL6123IRZA Datasheet HTML 12Page - Intersil Corporation ISL6123IRZA Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN9005.4
June 10, 2005
1. Using the ISL6123IR or ISL6124IR
2. The four supplies being sequenced are 5V (IN_A), 3.3V
(IN_B), 2.5V (IN_C) and 1.5V (IN_D), the UVLO levels
are ~ 80% of nominal voltages. Resistors chosen such
that the total resistance of each divider is ~ 10K using
standard value resistors to approximate 80% of
nominal = 0.63V on UVLO input.
3. The desired order turn-on sequence is first both 5V and
3.3V supplies together and then the 2.5V supply about
75ms later and lastly the 1.5V supply about 45ms later.
4. The desired turn-off sequence is first both 1.5V and 3.3V
supplies at the same time then the 2.5V supply about
50ms later and lastly the 5V supply about 72ms after that.
All scope shots taken from ISL612xSEQEVAL1 board.
Figures 7 and 8 illustrate the desired turn-on and turn-off
sequences respectively. The sequencing order and delay
between voltages sequencing is set by external capacitance
values so other than illustrated can be accomplished.
Figures 9 and 10 illustrate the timing relationships between
the EN input, RESET#, DLY and GATE outputs and the
VOUT voltage for a single channel being turned on and off
respectively. RESET# is not shown in Figure 9 as it asserts
160ms after the last GATE goes high.
All IC family variants share similar function for DLY_X
capacitor charging, GATE and RESET# operation. Figures
11 through 14 illustrate the principal feature and functional
differences for each of the ISL6125, ISL6126, ISL6127 and
ISL6128 variants, each is described below.
Figure 11 features the 6125 open drain outputs being
sequenced on and off along with RESET# relatiionship
which is similar to all other family variants.
Figure 12 illustrates the independent input feature of the
ISL6126 which allows once the EN# is low for each UVLO to
be individually satisfied and for its associated GATE to turn-
on. Only when the last variable VIN is satisfied as shown
does the RESET# release to signal all input voltages are
valid.
Figure 13 shows the ISL6127 pre programmed ABCD on
DCBA off order of sequencing with minimal non adjustable
delay between each.
Figure 14 demonstrates the independence of the redundant
two rail sequencer. It shows that either one of the two groups
can be turned off and the ABCD order of restart with
capacitor programmable delay once both EN inputs are
pulled low.
Typical Performance Waveforms
FIGURE 7. ISL6124 SEQUENCED TURN-ON
FIGURE 8. ISL6124 SEQUENCED TURN-OFF
1V/DIV
40ms/DIV
5VOUT
3.3VOUT
2.5VOUT
RESET#
ENABLE#
1.5VOUT
1V/DIV
20ms/DIV
5VOUT
3.3VOUTPUT
2.5VOUT
1.5VOUT
ENABLE#
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128


Podobny numer części - ISL6123IRZA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6123IRZA INTERSIL-ISL6123IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6123IRZA INTERSIL-ISL6123IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6123IRZA RENESAS-ISL6123IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Podobny opis - ISL6123IRZA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIB INTERSIL-ISL6121HIB Datasheet
419Kb / 11P
   Single Supply Integrated Current Limiting Controller
November 12, 2004
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com