Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPS-1 Arkusz danych(PDF) 2 Page - Renesas Technology Corp

Numer części TPS-1
Szczegółowy opis  Single Chip Interface Solution for PROFINET IO Devices
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TPS-1 Arkusz danych(HTML) 2 Page - Renesas Technology Corp

  TPS-1_15 Datasheet HTML 1Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 2Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 3Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 4Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 5Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 6Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 7Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 8Page - Renesas Technology Corp TPS-1_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPS-1
INTERNAL BLOCK DIAGRAM
R19DS0069EJ0103 Rev. 1.03
page 2 of 37
Jul 17, 2014
INTERNAL BLOCK DIAGRAM
The block diagram shows the internal structure and main components of the TPS-1.
The additional serial boot Flash component, the oscillator and the physical adaptation for the Ethernet interfaces are not
listed.
PHY 2
PHY 1
SPI
Slave
Parallel
Interface
8 / 16 Bit
Host Interface
PROFINET IO CPU
Boot-
ROM
ARM
Core
RAM
PROFINET IO Core
Time Sync
IRT Switch
Protocol Handling
LAN signals
(I2C-bus, link and
Activity), Test Sync
Clock Signals T1 to T6
Clock
Unit
25 MHz
MDI
MDI
Link1, Act1, Link2, Act2
Test Sync
JTAG / Debug
Serial Flash
(SPI Slave)
Host Interface /
Parallel - Serial
48 GPIO
Status Info
LEDs
Control Signals
Power Supply
Switching Regulator
1.0 V
3.3 V
1.5 V


Podobny numer części - TPS-1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
TPS-1 COOPER-TPS-1_15 Datasheet
492Kb / 3P
   DC power distribution non-indicating fuses
More results

Podobny opis - TPS-1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
TPS-1 RENESAS-TPS-1 Datasheet
697Kb / 39P
   Single Chip Interface Solution for PROFINET IO Devices
logo
Festo Corporation.
8086607 FESTO-8086607 Datasheet
87Kb / 2P
   PROFINET Interface
logo
Renesas Technology Corp
YCONNECT-IT-TPS-1L RENESAS-YCONNECT-IT-TPS-1L Datasheet
952Kb / 2P
   Low-cost Solution Kit for TPS-1 – The PROFINET IRT Device Chip
2017.05
logo
WAGO Kontakttechnik Gmb...
750-340 WAGO-750-340 Datasheet
412Kb / 11P
   Fieldbus Coupler PROFINET IO; 1st Generation
750-375 WAGO-750-375 Datasheet
695Kb / 12P
   Fieldbus Coupler PROFINET IO; 3rd Generation; Advanced
logo
ams AG
PS081 AMSCO-PS081 Datasheet
7Mb / 155P
   Single Chip Solution for Strain Gauges
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
WAGO Kontakttechnik Gmb...
750-377 WAGO-750-377 Datasheet
613Kb / 11P
   Fieldbus Coupler PROFINET IO; 3rd Generation; ECO Advanced
750-377-025-000 WAGO-750-377-025-000 Datasheet
495Kb / 11P
   Fieldbus Coupler PROFINET IO; 3rd Generation; Ext. Temperature
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com