Zakładka z wyszukiwarką danych komponentów |
|
CSCD310H Arkusz danych(PDF) 1 Page - Zowie Technology Corporation |
|
CSCD310H Arkusz danych(HTML) 1 Page - Zowie Technology Corporation |
1 / 2 page ZOWIE (20V~100V / 3.0A) CSCD32H THRU CSCD310H Unit : mm Absolute Maximum Ratings (Ta = 25 o C) VRRM 32H 20 34H 40 36H 60 310H 100 V IF(AV) A IFSM A Tj TSTG 100 -55 to +125 -55 to +150 -55 to +150 8.3ms single half sine-wave ITEM Average forward current (SEE FIG.1) Symbol Conditions Unit Peak forward surge current Operating junction temperature Range CSCD 3.0 Repetitive peak reverse voltage Storage temperature Range Schottky Barrier Diode * Halogen-free type * Compliance to RoHS product * Lead less chip form, no lead damage * Low power loss, High efficiency * High current capability, low VF * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 FEATURES * Switching mode power supply applications * Portable equipment battery applications * High frequency rectification * DC / DC Converter * Telecommunication APPLICATION * 3,000 pieces per 13" (330mm ± 2mm) reel * 1 reels per box * 5 boxes per carton PACKING Case : Packed with FRP substrate and epoxy underfilled Terminals : Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026. Polarity : Laser Cathode band marking Weight : 0.093 gram MECHANICAL DATA OUTLINE DIMENSIONS oC oC Electrical characteristics (Ta = 25 o C) VF IF = 0.5A IF = 1.0A IF = 3.0A IF = 0.5A IF = 1.0A IF = 3.0A IF = 0.5A IF = 1.0A IF = 3.0A ITEM Symbol Conditions Min. Typ. Type V - - - 0.33 0.38 0.47 - - 0.50 CSCD32H / CSCD34H V - - - 0.38 0.48 0.65 - - 0.70 CSCD36H V CSCD310H - - - 0.48 0.58 0.78 - - 0.85 Max. Unit Forward voltage (NOTE 1) oC/W - 55 - Rth(JA) Junction to ambient (NOTE 2) Thermal resistance oC/W - 17 - Rth(JL) Junction to lead (NOTE 2) pF - 180 - Cj VR = 4V, f = 1.0 MHz Junction capacitance mA - 0.025 0.50 IRRM Repetitive peak reverse current VR = Max. VRRM , Ta = 25 oC 2007/10 REV. 1 NOTES : (1) Pulse test width PW=300usec , 1% duty cycle. (2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas. (3) Preliminary draft. MARKING Cathode mark Amps class Series code Voltage class CSCD 3 JEDEC : DO-214AB 8.0 ± 0.1 0.05 ± 0.005 1.95 ± 0.1 1.95 ± 0.1 R0.8 ± 0.02 Halogen-free type . Case : 3220 |
Podobny numer części - CSCD310H |
|
Podobny opis - CSCD310H |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |