Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LK1005R47K-T Arkusz danych(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Numer części LK1005R47K-T
Szczegółowy opis  Multilayer Chip Inductors (LK series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Strona internetowa  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK1005R47K-T Arkusz danych(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LK1005R47K-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Multilayer Chip Inductors (LK series)
LK1005R47K-T
Features
Item Summary
0.47μH(±10%), 20mA, 0402
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 10000pcs
Products characteristics table
CaseSize (EIA/JIS)
0402/1005
Inductance
0.47μH(±10%)
Inductance Measuring Frequency
10MHz
Rated Current
20mA
DC Resistance (max)
0.42Ω
Self-resonant Frequency (min)
80MHz
Q (min)
20min
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1mm ±0.05
W
0.5mm ±0.05
H
0.5mm ±0.05
e
0.25mm ±0.10
2015.04.02
1 / 1


Podobny numer części - LK1005R47K-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
LK1005R47K-T TAIYO-YUDEN-LK1005R47K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK1005R47K-T8 TAIYO-YUDEN-LK1005R47K-T8 Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LK series)
LK1005R47K-TV TAIYO-YUDEN-LK1005R47K-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R47K-TV TAIYO-YUDEN-LK1005R47K-TV Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (LK series)
LK1005R47K-TV TAIYO-YUDEN-LK1005R47K-TV_V01 Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (LK series)
More results

Podobny opis - LK1005R47K-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
LK1005R33M-T TAIYO-YUDEN-LK1005R33M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK16081R2M-T TAIYO-YUDEN-LK16081R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK2125R82K-T TAIYO-YUDEN-LK2125R82K-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK16083R3K-T TAIYO-YUDEN-LK16083R3K-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors (LK series)
LK2125100M-T TAIYO-YUDEN-LK2125100M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125120K-T TAIYO-YUDEN-LK2125120K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK1608120K-T TAIYO-YUDEN-LK1608120K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK21253R3K-T TAIYO-YUDEN-LK21253R3K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK21258R2K-T TAIYO-YUDEN-LK21258R2K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125R12K-T TAIYO-YUDEN-LK2125R12K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK2125R27M-T TAIYO-YUDEN-LK2125R27M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com