Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADR1581 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADR1581
Szczegółowy opis  1.25 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADR1581 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADR1581_15 Datasheet HTML 4Page - Analog Devices ADR1581_15 Datasheet HTML 5Page - Analog Devices ADR1581_15 Datasheet HTML 6Page - Analog Devices ADR1581_15 Datasheet HTML 7Page - Analog Devices ADR1581_15 Datasheet HTML 8Page - Analog Devices ADR1581_15 Datasheet HTML 9Page - Analog Devices ADR1581_15 Datasheet HTML 10Page - Analog Devices ADR1581_15 Datasheet HTML 11Page - Analog Devices ADR1581_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADR1581
Rev. 0 | Page 8 of 12
40µV/DIV
21µV rms
20µV/DIV
10µV/DIV
10ms/DIV
6.5µV rms, t = 0.2ms
(a)
(b)
(c)
2.90µV rms, t = 960ms
OUTPUT IMPEDANCE VS. FREQUENCY
Understanding the effect of the reverse dynamic output impedance
in a practical application is important to successfully applying the
ADR1581. A voltage divider is formed by the ADR1581 output
impedance and the external source impedance. When an external
source resistor of about 30 kΩ (IR = 100 μA) is used, 1% of the
noise from a 100 kHz switching power supply is developed at
the output of the ADR1581. Figure 15 shows how a 1 μF load
capacitor connected directly across the ADR1581 reduces the
effect of power supply noise to less than 0.01%.
1k
10
0.1
1
100
FREQUENCY (Hz)
CL = 0
CL = 1µF
ΔIR = 0.1IR
IR = 100µA
IR = 1mA
10
100
1k
10k
100k
1M
Figure 17. Total RMS Noise
TURN-ON TIME
Many low power instrument manufacturers are becoming
increasingly concerned with the turn-on characteristics of the
components in their systems. Fast turn-on components often
enable the end user to keep power off when not needed, and yet
those components respond quickly when the power is turned
on for operation. Figure 18 displays the turn-on characteristics
of the ADR1581.
Upon application of power (cold start), the time required for the
output voltage to reach its final value within a specified error is
the turn-on settling time. Two components normally associated
with this are time for active circuits to settle and time for thermal
gradients on the chip to stabilize. This characteristic is generated
from cold start operation and represents the true turn-on wave-
form after power-up.
Figure 15. Output Impedance vs. Frequency
NOISE PERFORMANCE AND REDUCTION
The noise generated by the ADR1581 is typically less than
5 μV p-p over the 0.1 Hz to 10 Hz band.
Figure 20 shows both the coarse and fine
turn-on settling characteristics of the device; the total settling
time to within 1.0 mV is about 6 μs, and there is no long thermal
tail when the horizontal scale is expanded to 2 ms/div.
Figure 16 shows the
0.1 Hz to 10 Hz noise of a typical ADR1581. Noise in a 10 Hz to
10 kHz bandwidth is approximately 20 μV rms (see Figure 17a).
If further noise reduction is desired, a one-pole low-pass filter
can be added between the output pin and ground. A time constant
of 0.2 ms has a −3 dB point at about 800 Hz and reduces the high
frequency noise to about 6.5 μV rms (see
250mV/DIV
5µs/DIV
CL = 200pF
VIN
0V
2.4V
Figure 17b). A time
constant of 960 ms has a −3 dB point at 165 Hz and reduces the
high frequency noise to about 2.9 μV rms (see Figure 17c).
1µV/DIV
TIME (1s/DIV)
4.48µV p-p
Figure 18. Turn-On Response Time
+
RS = 11.5kΩ
RL
CL VOUT
VR
VIN
Figure 19. Turn-On, Settling, and Transient Test Circuit
Figure 16. 0.1 Hz to 10 Hz Voltage Noise


Podobny numer części - ADR1581_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR1581ARTZ-R2 AD-ADR1581ARTZ-R2 Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581ARTZ-R21 AD-ADR1581ARTZ-R21 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581ARTZ-REEL AD-ADR1581ARTZ-REEL Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581ARTZ-REEL71 AD-ADR1581ARTZ-REEL71 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-R2 AD-ADR1581BRTZ-R2 Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results

Podobny opis - ADR1581_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADR1581 AD-ADR1581 Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com