Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2165 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADSP-2165
Szczegółowy opis  DSP Microcomputers with ROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2165 Arkusz danych(HTML) 5 Page - Analog Devices

  ADSP-2165_15 Datasheet HTML 1Page - Analog Devices ADSP-2165_15 Datasheet HTML 2Page - Analog Devices ADSP-2165_15 Datasheet HTML 3Page - Analog Devices ADSP-2165_15 Datasheet HTML 4Page - Analog Devices ADSP-2165_15 Datasheet HTML 5Page - Analog Devices ADSP-2165_15 Datasheet HTML 6Page - Analog Devices ADSP-2165_15 Datasheet HTML 7Page - Analog Devices ADSP-2165_15 Datasheet HTML 8Page - Analog Devices ADSP-2165_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
REV. 0
ADSP-216x
–5–
The ADSP-216x serial ports offer the following capabilities:
Bidirectional—Each SPORT has a separate, double-buffered
transmit and receive function.
Flexible Clocking—Each SPORT can use an external serial
clock or generate its own clock internally.
Flexible Framing—The SPORTs have independent framing
for the transmit and receive functions; each function can run in
a frameless mode or with frame synchronization signals inter-
nally generated or externally generated; frame sync signals may
be active high or inverted, with either of two pulsewidths and
timings.
Different Word Lengths—Each SPORT supports serial data
word lengths from 3 to 16 bits.
Companding in Hardware—Each SPORT provides optional
A-law and
µ-law companding according to CCITT recommen-
dation G.711.
Flexible Interrupt Scheme—Receive and transmit functions
can generate a unique interrupt upon completion of a data word
transfer.
Autobuffering with Single-Cycle Overhead—Each SPORT
can automatically receive or transmit the contents of an entire
circular data buffer with only one overhead cycle per data word;
an interrupt is generated after the transfer of the entire buffer is
completed.
Multichannel Capability (SPORT0 Only)—SPORT0 pro-
vides a multichannel interface to selectively receive or transmit a
24-word or 32-word, time-division multiplexed serial bit stream;
this feature is especially useful for T1 or CEPT interfaces, or as
a network communication scheme for multiple processors.
Alternate Configuration—SPORT1 can be alternatively
configured as two external interrupt inputs (
IRQ0, IRQ1) and
the Flag In and Flag Out signals (FI, FO).
Interrupts
The ADSP-216x’s interrupt controller lets the processor re-
spond to interrupts with a minimum of overhead. Up to three
external interrupt input pins,
IRQ0, IRQ1 and IRQ2, are pro-
vided.
IRQ2 is always available as a dedicated pin; IRQ1 and
IRQ0 may be alternately configured as part of Serial Port 1. The
ADSP-216x also supports internal interrupts from the timer and
the serial ports. The interrupts are internally prioritized and
individually maskable (except for
RESET which is nonmaskable).
The
IRQx input pins can be programmed for either level- or
edge-sensitivity. The interrupt priorities for each ADSP-216x
processor are shown in Table II.
Table II. Interrupt Vector Addresses and Priority
Interrupt
ADSP-216x Interrupt Source
Vector Address
RESET Startup
0x0000
IRQ2 or Power-Down
0x0004 (High Priority)
SPORT0 Transmit
0x0008
SPORT0 Receive
0x000C
SPORT1 Transmit or
IRQ1
0x0010
SPORT1 Receive or
IRQ0
0x0014
Timer
0x0018 (Low Priority)
The ADSP-216x uses a vectored interrupt scheme: when an
interrupt is acknowledged, the processor shifts program control
to the interrupt vector address corresponding to the interrupt
received. Interrupts can be optionally nested so that a higher
priority interrupt can preempt the currently executing interrupt
service routine. Each interrupt vector location is four instruc-
tions in length so that simple service routines can be coded
entirely in this space. Longer service routines require an addi-
tional JUMP or CALL instruction.
Individual interrupt requests are logically ANDed with the bits
in the IMASK register; the highest-priority unmasked interrupt
is then selected.
The interrupt control register,
ICNTL, allows the external
interrupts to be set as either edge- or level-sensitive. Depending
on Bit 4 in
ICNTL, interrupt service routines can either be
nested (with higher priority interrupts taking precedence) or be
processed sequentially (with only one interrupt service active at
a time).
The interrupt force and clear register, IFC, is a write-only regis-
ter that contains a force bit and a clear bit for each interrupt.
When responding to an interrupt, the ASTAT, MSTAT and
IMASK status registers are pushed onto the status stack and
the PC counter is loaded with the appropriate vector address.
The status stack is seven levels deep to allow interrupt nesting.
The stack is automatically popped when a return from the inter-
rupt instruction is executed.
Pin Definitions
Pin Function Descriptions show pin definitions for the ADSP-
216x processors. Any inputs not used must be tied to VDD.
SYSTEM INTERFACE
Figure 3 shows a typical system for the ADSP-216x with two
serial I/O devices, an optional external program and data
memory. A total of 12K words of data memory and 15K words
of program memory is addressable.
Programmable wait-state generation allows the processors to
easily interface to slow external memories.
The ADSP-216x processors also provide either: one external
interrupt (
IRQ2) and two serial ports (SPORT0, SPORT1), or
three external interrupts (
IRQ2, IRQ1, IRQ0) and one serial
port (SPORT0).
Clock Signals
The ADSP-216x processors’ CLKIN input may be driven by a
crystal or by a TTL-compatible external clock signal. The
CLKIN input may not be halted or changed in frequency during
operation, nor operated below the specified low frequency limit.
If an external clock is used, it should be a TTL-compatible
signal running at the instruction rate. The signal should be
connected to the processor’s CLKIN input; in this case, the
XTAL input must be left unconnected.
Because the ADSP-216x processors include an on-chip oscilla-
tor circuit, an external crystal may also be used. The crystal
should be connected across the CLKIN and XTAL pins, with
two capacitors connected as shown in Figure 2. A parallel-
resonant, fundamental frequency, microprocessor-grade crystal
should be used.


Podobny numer części - ADSP-2165_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2165BS-100 AD-ADSP-2165BS-100 Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165BS-80 AD-ADSP-2165BS-80 Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165KS-100 AD-ADSP-2165KS-100 Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165KS-80 AD-ADSP-2165KS-80 Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
More results

Podobny opis - ADSP-2165_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-216X AD-ADSP-216X Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-21MSP5859 AD-ADSP-21MSP5859 Datasheet
372Kb / 40P
   DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com