Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2192M Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADSP-2192M
Szczegółowy opis  DSP Microcomputer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2192M Arkusz danych(HTML) 1 Page - Analog Devices

  ADSP-2192M_15 Datasheet HTML 1Page - Analog Devices ADSP-2192M_15 Datasheet HTML 2Page - Analog Devices ADSP-2192M_15 Datasheet HTML 3Page - Analog Devices ADSP-2192M_15 Datasheet HTML 4Page - Analog Devices ADSP-2192M_15 Datasheet HTML 5Page - Analog Devices ADSP-2192M_15 Datasheet HTML 6Page - Analog Devices ADSP-2192M_15 Datasheet HTML 7Page - Analog Devices ADSP-2192M_15 Datasheet HTML 8Page - Analog Devices ADSP-2192M_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
a
DSP Microcomputer
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
REV. 0
ADSP-2192M
ADSP-2192M DUAL CORE DSP FEATURES
320 MIPS ADSP-219x DSP in a 144-Lead LQFP Package
with PCI, USB, Sub-ISA, and CardBus Interfaces
3.3 V/5.0 V PCI 2.2 Compliant 33 MHz/32-bit Interface
with Bus Mastering over Four DMA Channels with
Scatter-Gather Support
Integrated USB 1.1 Compliant Interface
Sub-ISA Interface
AC’97 Revision 2.1 Compliant Interface for External
Audio, Modem, and Handset Codecs with DMA
Capability
Dual ADSP-219x Core Processors (P0 and P1) on Each
ADSP-2192M DSP Chip
132K Words of Memory Includes 4K
16-Bit Shared
Data Memory
80K Words of On-Chip RAM on P0, Configured as
64K Words On-Chip 16-Bit RAM for Data Memory and
16K Words On-Chip 24-Bit RAM for Program Memory
48K Words of On-Chip RAM on P1, Configured as
32K Words On-Chip 16-Bit RAM for Data Memory and
16K Words On-Chip 24-Bit RAM for Program Memory
4K Words of Additional On-Chip RAM Shared by Both
Cores, Configured as 4K Words On-Chip 16-Bit RAM
Flexible Power Management with Selectable Power-
Down and Idle Modes
Programmable PLL Supports Frequency Multiplication,
Enabling Full Speed Operation from Low Speed
Input Clocks
2.5 V Internal Operation Supports 3.3 V/5.0 V
Compliant I/O
FUNCTIONAL BLOCK DIAGRAM
PROCESSOR P0
CORE
INTERFACE
ADSP-219x
DSP CORE
(SEE FIGURE 1
ON PAGE 3)
SHARED
MEMORY
4K 16 DM
P0
MEMORY
16K 24 PM
64K 16 DM
BOOT ROM
P1
MEMORY
16K 24 PM
32K 16 DM
BOOT ROM
ADDR DATA
P0 DMA
CONTROLLER
FIFOS
SHARED DSP
I/O MAPPED
REGISTERS
P1 DMA
CONTROLLER
FIFOS
HOST PORT
PCI 2.2
OR
USB 1.1
GP I/O PINS
(AND
OPTIONAL
SERIAL
EEPROM)
JTAG
EMULATION
PORT
ADDR DATA
ADDR DATA
ADDR DATA
ADDR DATA
ADDR DATA
SERIAL PORT
AC'97
COMPLIANT
PROCESSOR P1
CORE
INTERFACE
ADSP-219x
DSP CORE
(SEE FIGURE 1
ON PAGE 3)
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel:781/329-4700
www.analog.com
Fax:781/326-8703
©
2002 Analog Devices, Inc. All rights reserved.


Podobny numer części - ADSP-2192M_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2192M AD-ADSP-2192M Datasheet
1Mb / 40P
   DSP Microcomputer
REV. 0
More results

Podobny opis - ADSP-2192M_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com