Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21061 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADSP-21061
Szczegółowy opis  Commercial Grade SHARC DSP Microcomputer
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21061 Arkusz danych(HTML) 2 Page - Analog Devices

  ADSP-21061_15 Datasheet HTML 1Page - Analog Devices ADSP-21061_15 Datasheet HTML 2Page - Analog Devices ADSP-21061_15 Datasheet HTML 3Page - Analog Devices ADSP-21061_15 Datasheet HTML 4Page - Analog Devices ADSP-21061_15 Datasheet HTML 5Page - Analog Devices ADSP-21061_15 Datasheet HTML 6Page - Analog Devices ADSP-21061_15 Datasheet HTML 7Page - Analog Devices ADSP-21061_15 Datasheet HTML 8Page - Analog Devices ADSP-21061_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Rev. D | Page 2 of 52 | May 2013
ADSP-21061/ADSP-21061L
TABLE OF CONTENTS
Summary ............................................................... 1
Key Features—Processor Core ................................. 1
General Description ................................................. 3
SHARC Family Core Architecture ............................ 3
Memory and I/O Interface Features ........................... 4
Porting Code From the ADSP-21060 or
ADSP-21062 ..................................................... 7
Development Tools ............................................... 7
Additional Information .......................................... 8
Related Signal Chains ............................................ 8
Pin Function Descriptions ......................................... 9
Target Board Connector For EZ-ICE Probe ............... 12
ADSP-21061 Specifications ...................................... 14
Operating Conditions (5 V) ................................... 14
Electrical Characteristics (5 V) ............................... 14
Internal Power Dissipation (5 V) ............................ 15
External Power Dissipation (5 V) ............................ 16
ADSP-21061L Specifications ..................................... 17
Operating Conditions (3.3 V) ................................. 17
Electrical Characteristics (3.3 V) ............................. 17
Internal Power Dissipation (3.3 V) .......................... 18
External Power Dissipation (3.3 V) .......................... 19
Absolute Maximum Ratings ................................... 20
ESD Caution ...................................................... 20
Package Marking Information ................................ 20
Timing Specifications ........................................... 20
Test Conditions .................................................. 43
Environmental Conditions .................................... 46
225-Ball PBGA Pin Configurations ............................. 47
240-Lead MQFP Pin Configurations ........................... 49
Outline Dimensions ................................................ 50
Surface-Mount Design .......................................... 52
Ordering Guide ..................................................... 52
REVISION HISTORY
5/13—Rev C to Rev D
Updated Development Tools .......................................7
Added Related Signal Chains .......................................8
Removed the ADSP-21061LAS-176, ADSP-21061LKS-160, and
ADSP-21061LKS-176 models from Ordering Guide ........ 52
GENERAL NOTE
This data sheet represents production released specifications for
the ADSP-21061 (5 V) and ADSP-21061L (3.3 V) processors for
33 MHz, 40 MHz, 44 MHz, and 50 MHz speed grades. The
product name“ADSP-21061” is used throughout this data sheet
to represent all devices, except where expressly noted.


Podobny numer części - ADSP-21061_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21061KS-133 AD-ADSP-21061KS-133 Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
ADSP-21061KS-133 AD-ADSP-21061KS-133 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061KS-160 AD-ADSP-21061KS-160 Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
ADSP-21061KS-160 AD-ADSP-21061KS-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061KS-200 AD-ADSP-21061KS-200 Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
More results

Podobny opis - ADSP-21061_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21061LKSZ-160 AD-ADSP-21061LKSZ-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061L AD-ADSP-21061L_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
AD14160 AD-AD14160 Datasheet
1Mb / 52P
   Quad-SHARC DSP Multiprocessor Family
REV. A
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com